Electronic Components Datasheet Search
  English  ▼

X  

82C85 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 82C85
Description  CMOS Static Clock Controller/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C85 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 82C85 Datasheet HTML 9Page - Intersil Corporation 82C85 Datasheet HTML 10Page - Intersil Corporation 82C85 Datasheet HTML 11Page - Intersil Corporation 82C85 Datasheet HTML 12Page - Intersil Corporation 82C85 Datasheet HTML 13Page - Intersil Corporation 82C85 Datasheet HTML 14Page - Intersil Corporation 82C85 Datasheet HTML 15Page - Intersil Corporation 82C85 Datasheet HTML 16Page - Intersil Corporation 82C85 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
309
Timing Waveforms
FIGURE 7. WAVEFORMS FOR CLOCKS
NOTE: All Timing Measurements are made at 1.5V, Unless Otherwise Noted.
FIGURE 8. WAVEFORMS FOR READY SIGNALS (FOR ASYNCHRONOUS DEVICES)
CLK AND CLK50
1.0V
3.5V
(30) TCH1CH2
TCL2CL1 (31)
TPLPH
(33)
TPHPL
(32)
(37)
TCLPH
(28)
T5CHCL
TCLPL
(38)
T5CLCH
(29)
(26)
TCHCL
TCLCH
(27)
TCLC50L
(43)
TELEH
(2)
(3)
TELEL
(1)
TEHEL
EFI I
OSC 0
CLK 0
CLK50 0
PCLK 0
CSYNC I
(15)
TEHYL
(16)
TYHYL
(14)
TYLEH
TCLCL (25)
CLK
RDY1.2
AEN1.2
ASYNC
READY
(12) TA1VR1V
(7) TRIVCH
(11) TCLAYX
(34) TRYLCL
(13) TCLA1X
(8) TRILCL
(9)
TCLR1X
(35)
TRYHCH
(10)
TAYVCL
(9)
TCLR1X
82C85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com