Electronic Components Datasheet Search
  English  ▼

X  

CS80C88-2 Datasheet(PDF) 16 Page - Intersil Corporation

Part # CS80C88-2
Description  CMOS 8/16-Bit Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS80C88-2 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CS80C88-2 Datasheet HTML 12Page - Intersil Corporation CS80C88-2 Datasheet HTML 13Page - Intersil Corporation CS80C88-2 Datasheet HTML 14Page - Intersil Corporation CS80C88-2 Datasheet HTML 15Page - Intersil Corporation CS80C88-2 Datasheet HTML 16Page - Intersil Corporation CS80C88-2 Datasheet HTML 17Page - Intersil Corporation CS80C88-2 Datasheet HTML 18Page - Intersil Corporation CS80C88-2 Datasheet HTML 19Page - Intersil Corporation CS80C88-2 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
3-16
AC Electrical Specifications
VCC = 5.0V ±10%; TA = 0
oC to +70oC (C80C88, C80C88-2)
VCC = 5.0V ±100%; TA = -40
oC to +85oC (I80C88, I80C88-2)
VCC = 5.0V ±100%; TA = -55
oC to +125oC (M80C88)
VCC = 5.0V ±5%;
TA = -55
oC to +125oC (M80C88-2)
MINIMUM COMPLEXITY SYSTEM
SYMBOL
PARAMETER
80C88
80C88-2
UNITS
TEST
CONDITIONS
MIN
MAX
MIN
MAX
TIMING REQUIREMENTS
(1)
TCLCL
CLK Cycle Period
200
-
125
-
ns
(2)
TCLCH
CLK Low Time
118
-
68
-
ns
(3)
TCHCL
CLK High Time
69
-
44
-
ns
(4)
TCH1CH2
CLK Rise Time
-
10
-
10
ns
From 1.0V to 3.5V
(5)
TCL2CL1
CLK FaIl Time
-
10
-
10
ns
From 3.5V to 1.0V
(6)
TDVCL
Data In Setup Time
30
-
20
-
ns
(7)
TCLDX1
Data In Hold Time
10
-
10
-
ns
(8)
TR1VCL
RDY Setup Time into 82C84A
(Notes 6, 7)
35
-
35
-
ns
(9)
TCLR1X
RDY Hold Time into 82C84A
(Notes 6, 7)
0-
0
-
ns
(10)
TRYHCH
READY Setup Time into 80C88
118
-
68
-
ns
(11)
TCHRYX
READY Hold Time into 80C88
30
-
20
-
ns
(12)
TRYLCL
READY Inactive to CLK (Note 8)
-8
-
-8
-
ns
(13)
THVCH
HOLD Setup Time
35
-
20
-
n
s
(14)
TINVCH
lNTR, NMI, TEST Setup Time
(Note 7)
30
-
15
-
ns
(15)
TILIH
Input Rise Time (Except CLK)
-
15
-
15
ns
From 0.8V to 2.0V
(16)
TIHIL
Input FaIl Time (Except CLK)
-
15
-
15
ns
From 2.0V to 0.8V
TIMING RESPONSES
(17)
TCLAV
Address Valid Delay
10
110
10
60
ns
CL = 100pF
(18)
TCLAX
Address Hold Time
10
-
10
-
ns
CL = 100pF
(19)
TCLAZ
Address Float Delay
TCLAX
80
TCLAX
50
ns
CL = 100pF
(20)
TCHSZ
Status Float Delay
-
80
-
50
ns
CL = 100pF
(21)
TCHSV
Status Active Delay
10
110
10
60
ns
CL = 100pF
(22)
TLHLL
ALE Width
TCLCH-20
-
TCLCH-10
-
ns
CL = 100pF
(23)
TCLLH
ALE Active Delay
-
80
-
50
ns
CL = 100pF
(24)
TCHLL
ALE Inactive Delay
-
85
-
55
ns
CL = 100pF
80C88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com