Electronic Components Datasheet Search
  English  ▼

X  

82C89 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 82C89
Description  CMOS Bus Arbiter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C89 Datasheet(HTML) 2 Page - Intersil Corporation

  82C89 Datasheet HTML 1Page - Intersil Corporation 82C89 Datasheet HTML 2Page - Intersil Corporation 82C89 Datasheet HTML 3Page - Intersil Corporation 82C89 Datasheet HTML 4Page - Intersil Corporation 82C89 Datasheet HTML 5Page - Intersil Corporation 82C89 Datasheet HTML 6Page - Intersil Corporation 82C89 Datasheet HTML 7Page - Intersil Corporation 82C89 Datasheet HTML 8Page - Intersil Corporation 82C89 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
4-344
Functional Diagram
Pin Description
PIN
SYMBOL
NUMBER
TYPE
DESCRIPTION
VCC
20
VCC: The +5V Power supply pin. A 0.1µF capacitor between pins 10 and 20 is recommended for
decoupling.
GND
10
GROUND.
S0, S1, S2
1, 18-19
I
STATUS INPUT PINS: The status input pins from an 80C86, 80C88 or 8089 processor. The
82C89 decodes these pins to initiate bus request and surrender actions. (See Table 1).
CLK
17
I
CLOCK: From the 82C84A or 82C85 clock chip and serves to establish when bus arbiter actions
are initiated.
LOCK
16
I
LOCK: A processor generated signal which when activated (low) prevents the arbiter from surren-
dering the multi-master system bus to any other bus arbiter, regardless of its priority.
CRQLCK
15
I
COMMON REQUEST LOCK: An active low signal which prevents the arbiter from surrendering the
multi-master system bus to any other bus arbiter requesting the bus through the CBRQ input pin.
RESB
4
I
RESIDENT BUS: A strapping option to configure the arbiter to operate in systems having both a
multi-master system bus and a Resident Bus. Strapped high, the multi-master system bus is re-
quested or surrendered as a function of the SYSB/RESB input pin. Strapped low, the SYSB/RESB
input is ignored.
ANYRQST
14
I
ANY REQUEST: A strapping option which permits the multi-master system bus to be surrendered
to a lower priority arbiter as if it were an arbiter of higher priority (i.e., when a lower priority arbiter
requests the use of the multi-master system bus, the bus is surrendered as soon as it is possible).
When ANYRQST is strapped low, the bus is surrendered according to Table A in Design Informa-
tion. If ANYRQST is strapped high and CBRQ is activated, the bus is surrendered at the end of
the present bus cycle. Strapping CBRQ low and ANYRQST high forces the 82C89 arbiter to sur-
render the multi-master system bus after each transfer cycle. Note that when surrender occurs
BREQ is driven false (high).
CONTROL
ARBITRATION
MULTIBUS
INTERFACE
LOCAL
BUS
INTERFACE
+5V
GND
CONTROL/
STRAPPING
OPTIONS
80C86/
80C88
STATUS
COMMAND
SIGNALS
MULTIBUSTM
SYSTEM
SIGNALS
MULTIBUSTM IS AN INTEL CORP. TRADEMARK
BPRN
SYSB/
RESB
INIT
BCLK
BREQ
BPRO
BUSY
CBRQ
AEN
CLK
RESB
ANYRQST
LOCK
S 1
IOB
CRQLCK
S 0
S 2
STATUS
DECODER
82C89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com