Electronic Components Datasheet Search
  English  ▼

X  

KSC121J Datasheet(PDF) 3 Page - ITT Industries

Part # KSC121J
Description  KSC Series Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC121J Datasheet(HTML) 3 Page - ITT Industries

  KSC121J Datasheet HTML 1Page - ITT Industries KSC121J Datasheet HTML 2Page - ITT Industries KSC121J Datasheet HTML 3Page - ITT Industries KSC121J Datasheet HTML 4Page - ITT Industries KSC121J Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-22
B
OPERATING FORCE
OPTION
CODE
OPERATING FORCE
0
1.2 N (120 grams)
1
1.4 N (140 grams)
2
1.6 N / 2.0 N (160/200 grams)
4
3 N / 3.2 N (300/320 grams)
5
5.5 N (550 grams)
KSC Series
Sealed Tact Switch for SMT
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
TERMINATION
J J BEND
G GULLWING
10
(.394)
7,5+0,3/-0,0
(.295+.012/-.000)
0,5
(.020)
First Angle
Projection
6,8
(.268)
3,0 max.
(.118)
8,6 min.
(.339)
PAD LAYOUT
5,8 max.
(.228)
12,0 min.
(.472)
PAD LAYOUT
V RIGHT ANGLE - KSC421V only
3,17
(.125)
1,51
(.05)
5,65
±0,05
0,6
0,6
3,3
3,3
1,38
1,38
0,8
ø
(x2)
1,2
LAYOUT
1
2
Metallized
holes
1
2
PAD LAYOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com