Electronic Components Datasheet Search
  English  ▼

X  

82C83 Datasheet(PDF) 2 Page - Intersil Corporation

Part # 82C83
Description  CMOS Octal Latching Inverting Bus Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

82C83 Datasheet(HTML) 2 Page - Intersil Corporation

  82C83 Datasheet HTML 1Page - Intersil Corporation 82C83 Datasheet HTML 2Page - Intersil Corporation 82C83 Datasheet HTML 3Page - Intersil Corporation 82C83 Datasheet HTML 4Page - Intersil Corporation 82C83 Datasheet HTML 5Page - Intersil Corporation 82C83 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-282
Functional Diagram
Gated Inputs
During normal system operation of a latch, signals on the
bus at the device inputs will become high impedance or
make transitions unrelated to the operation of the latch.
These unrelated input transitions switch the input circuitry
and typically cause an increase in power dissipation in
CMOS devices by creating a low resistance path between
VCC and GND when the signal is at or near the input switch-
ing threshold. Additionally, if the driving signal becomes high
impedance (``float'' condition), it could create an indetermi-
nate logic state at the inputs and cause a disruption in
device operation.
The Intersil 82C8X series of bus drivers eliminates these
conditions by turning off data inputs when data is latched
(STB = logic zero for the 82C82/83H) and when the device is
disabled (OE = logic one for the 82C86H/87H). These gated
inputs disconnect the input circuitry from the VCC and
ground power supply pins by turning off the upper P-channel
and lower N-channel (See Figures 1 and 2). No current flow
from VCC to GND occurs during input transitions and invalid
logic states from floating inputs are not transmitted. The next
stage is held to a valid logic level internal to the device.
D.C. input voltage levels can also cause an increase in ICC if
these input levels approach the minimum VIH or maximum
VIL conditions. This is due to the operation of the input cir-
cuitry in its linear operating region (partially conducting
state). The 82C8X series gated inputs mean that this condi-
tion will occur only during the time the device is in the trans-
parent mode (STB = logic one). ICC remains below the
maximum ICC standby specification of 10
µA during the time
inputs are disabled, thereby greatly reducing the average
power dissipation of the 82C8X series devices.
Decoupling Capacitors
The transient current required to charge and discharge the
300pF load capacitance specified in the 82C83H data sheet
is determined by
I = CL (dv/dt)
Assuming that all outputs change state at the same time and
that dv/dt is constant;
where tR = 20ns, VCC = 5.0V, CL = 300pF on each eight out-
puts.
I = (8 x 300 x 10-12) x (5.0V x 0.8)/(20 x 10-9) = 480mA
This current spike may cause a large negative voltage spike on
VCC which could cause improper operation of the device. To fil-
ter out this noise, it is recommended that a 0.1
µF ceramic disc
capacitor be placed between VCC and GND at each device,
with placement being as near to the device as possible.
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
STB
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7
OE
DQ
CLK
P
P
N
N
N
P
VCC
VCC
INTERNAL
DATA
STB
DATA IN
FIGURE 1. 82C82/83H
N
N
P
P
P
N
VCC
VCC
DATA
INTERNAL
OE
DATA IN
FIGURE 2. 82C86H/87H GATED INPUTS
IC
L
V
CC
80 percent
×
()
t
R tF
⁄
--------------------------------------------------------
=
(EQ. 1)
P
P
N
N
N
P
VCC
VCC
INTERNAL
DATA
STB
DATA IN
ADDRESS
ADDRESS
ALE
MULTI-
ICC
PLEXED
BUS
FIGURE 3. SYSTEM EFFECTS OF GATED INPUTS
82C83H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com