Electronic Components Datasheet Search
  English  ▼

X  

ACS11MS Datasheet(PDF) 2 Page - Intersil Corporation

Part # ACS11MS
Description  Radiation Hardened Triple 3-Input AND Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS11MS Datasheet(HTML) 2 Page - Intersil Corporation

  ACS11MS Datasheet HTML 1Page - Intersil Corporation ACS11MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Die Characteristics
DIE DIMENSIONS:
Size: 2390
µm x 2390µm (94 mils x 94 mils)
Thickness: 525
µm ±25µm (20.6 mils 1 mil)
Bond Pad: 110
µm x 110µm (4.3 x 4.3 mils)
METALLIZATION: AI
Metal 1 Thickness: 0.7
µm ±0.1µm
Metal 2 Thickness: 1.0
µm ±0.1µm
SUBSTRATE POTENTIAL
Unbiased Insulator
PASSIVATION:
Type: Phosphorous Silicon Glass (PSG)
Thickness: 1.30
µm ±0.15µm
SPECIAL INSTRUCTIONS:
Bond VCC First
ADDITIONAL INFORMATION:
Worst Case Current Density: <2.0 x 105 A/cm2
Transistor Count: 97
Metallization Mask Layout
ACS11MS
B1
A1
VCC
C1
A2 (3)
B2 (4)
NC
C2 (5)
(12) Y1
(11) C3
NC
(10) B3
(6)
(7)
(8)
(9)
A3
Y3
GND
Y2
(2)
(1)
(14)
(13)
ACS11MS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com