Electronic Components Datasheet Search
  English  ▼

X  

AD7276ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7276ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7276ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7276ARMZ Datasheet HTML 8Page - Analog Devices AD7276ARMZ Datasheet HTML 9Page - Analog Devices AD7276ARMZ Datasheet HTML 10Page - Analog Devices AD7276ARMZ Datasheet HTML 11Page - Analog Devices AD7276ARMZ Datasheet HTML 12Page - Analog Devices AD7276ARMZ Datasheet HTML 13Page - Analog Devices AD7276ARMZ Datasheet HTML 14Page - Analog Devices AD7276ARMZ Datasheet HTML 15Page - Analog Devices AD7276ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameters
Ratings
VDD to GND
−0.3 V to +6 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +6 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B grade)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
6-Lead TSOT Package
θJA Thermal Impedance
230°C/W
θJC Thermal Impedance
92°C/W
8-Lead MSOP Package
θJA Thermal Impedance
205.9°C/W
θJC Thermal Impedance
43.74°C/W
Lead Temperature Soldering
Reflow (10 sec to 30 sec)
255°C
Lead Temperature Soldering
Reflow (10 sec to 30 sec)
260°C
ESD
1.5 kV
1 Transient currents of up to 100 mA cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com