Electronic Components Datasheet Search
  English  ▼

X  

AD7277ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7277ARMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7277ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7277ARMZ Datasheet HTML 11Page - Analog Devices AD7277ARMZ Datasheet HTML 12Page - Analog Devices AD7277ARMZ Datasheet HTML 13Page - Analog Devices AD7277ARMZ Datasheet HTML 14Page - Analog Devices AD7277ARMZ Datasheet HTML 15Page - Analog Devices AD7277ARMZ Datasheet HTML 16Page - Analog Devices AD7277ARMZ Datasheet HTML 17Page - Analog Devices AD7277ARMZ Datasheet HTML 18Page - Analog Devices AD7277ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7276/AD7277/AD7278
Rev. C | Page 14 of 28
INPUT FREQUENCY (kHz)
100
–90
–50
1500
1000
–55
–60
–65
–70
–75
–80
–85
RIN =0Ω
RIN =10Ω
RIN = 100Ω
Figure 16. THD vs. Analog Input Frequency at 3 MSPS for Various Source
Impedances, SCLK Frequency = 48 MHz, Supply Voltage = 3 V
CODE
0
–1.0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
4000
3500
3000
2500
2000
1500
1000
500
VDD =3V
Figure 17. AD7276 INL Performance
CODE
0
–1.0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
4000
3500
3000
2500
2000
1500
1000
500
VDD =3V
Figure 18. AD7276 DNL Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com