Electronic Components Datasheet Search
  English  ▼

X  

ACS147MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS147MS
Description  Radiation Hardened 10-to-4 Line Priority Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS147MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS147MS Datasheet HTML 1Page - Intersil Corporation ACS147MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4761
ACS147MS
Radiation Hardened 10-to-4 Line Priority
Encoder
These nine-input priority encoders accept data from nine
active LOW inputs and provide a binary representation on
the four active LOW outputs. A priority is assigned to each
input so that when two or more inputs are simultaneously
active, the input with the highest priority is represented on
the output. Input line I9 has the highest priority.
These devices provide the 10-to-4-line priority encoding
function by use of the implied decimal “zero”. The “zero” is
encoded when all nine data inputs are HIGH, forcing all four
outputs HIGH.
The ACS147MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS147MS are
contained in SMD 5962-98633. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/spaceselect.htm
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 20
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 17ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING
NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9863301VCC
ACS147DMSR-03
-55 to 125
16 Ld SBDIP
CDIP2-T16
ACS147D/SAMPLE-03
ACS147D/SAMPLE-03
25
16 Ld SBDIP
CDIP2-T16
5962F9863301VXC
ACS147KMSR-03
-55 to 125
16 Ld Flatpack
CDFP4-F16
ACS147K/SAMPLE-03
ACS147K/SAMPLE-03
25
16 Ld Flatpack
CDFP4-F16
5962F9863301V9A
ACS147HMSR-03
25
Die
NA
Pinouts
ACS147MS
(SBDIP)
TOP VIEW
ACS147MS
(FLATPACK)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I4
I5
I6
I7
I8
Y2
GND
Y1
VCC
Y3
I3
I2
I1
I9
Y0
NC
I4
I5
I6
I7
I8
Y2
Y1
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
NC
Y3
I3
I2
I1
I9
Y0
Data Sheet
July 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS147MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS14D INTERSIL-ACS14D Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
logo
Renesas Technology Corp
ACS14D/SAMPLE-03 RENESAS-ACS14D/SAMPLE-03 Datasheet
227Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
logo
Intersil Corporation
ACS14DMSR-03 INTERSIL-ACS14DMSR-03 Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
ACS14HMSR-03 INTERSIL-ACS14HMSR-03 Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
ACS14K INTERSIL-ACS14K Datasheet
50Kb / 2P
Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
More results

Similar Description - ACS147MS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
10-to-4 line priority encoder
2003 Oct 30
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
10 TO 4 LINE BCD PRIORITY ENCODER
Apr-1991
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
logo
Intersil Corporation
CD40147BMS INTERSIL-CD40147BMS Datasheet
81Kb / 8P
10 Line to 4 Line BCD Priority Encoder
December 1992
HCTS147MS INTERSIL-HCTS147MS Datasheet
180Kb / 10P
Radiation Hardened 10-to-4 Line Priority Encoder
September 1995
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
10-to-4-line Priority Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com