Electronic Components Datasheet Search
  English  ▼

X  

MSHV40P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSHV40P
Description  Glass Passivated High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSHV40P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSHV40P Datasheet HTML 1Page - List of Unclassifed Manufacturers MSHV40P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
smsemi.com
Document Number: MSHV40P
www.
Aug.16, 2010
2
MSHV40P
Performance Curves
200
100
0
0
20
40
60
80
100 110
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.3 Typical Reverse Characteristics
1.0
0.1
0.01
0.001
Pulse Width=300μs
Tj=25ºC
Tj=175ºC
1000
100
10
1.0
0.1
0.01
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF, INSTANTANEOUS FWD VOLTAGE (V)
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (ºC)
Fig.1 Forward Current Derating Curve
RESISTIVE OR
NIDUCTIVE LOAD
25℃
- - -
150℃
Fig.2 Typical Forward Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com