Electronic Components Datasheet Search
  English  ▼

X  

ACS175MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS175MS
Description  Radiation Hardened Quad D-Type Flip- Flop with Reset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS175MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS175MS Datasheet HTML 1Page - Intersil Corporation ACS175MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4763
ACS175MS
Radiation Hardened Quad D-Type Flip-
Flop with Reset
The Radiation Hardened ACS175MS is a Quad D-Type
Flip-Flop with Reset. Information at the D input is
transferred to the Q and Q outputs on the positive-going
transition of the clock. All four flip-flops are controlled by a
common clock (CP) and a common reset (MR). Resetting is
accomplished by a LOW level independent of the clock. All
inputs are buffered and the outputs are designed for
balanced propagation delay and transition times.
The ACS175MS is fabricated on a CMOS Silicon on
Sapphire (SOS) process, which provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
offer significant power reduction and faster performance
when compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS175MS are
contained in SMD 5962-98635. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/spaceselect.htm
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-Up Free Under Any Conditions
- Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 10
µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 22ns (Max)
Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs
Ordering Information
ORDERING NUMBER
INTERNAL MARKETING
NUMBER
TEMP. RANGE (oC)
PACKAGE
DESIGNATOR
5962F9863501VCC
ACS175DMSR-03
-55 to 125
16 Ld SBDIP
CDIP2-T16
ACS175D/SAMPLE-03
ACS175D/SAMPLE-03
25
16 Ld SBDIP
CDIP2-T16
5962F9863501VXC
ACS175KMSR-03
-55 to 125
16 Ld Flatpack
CDFP4-F16
ACS175K/SAMPLE-03
ACS175K/SAMPLE-03
25
16 Ld Flatpack
CDFP4-F16
5962F9863501V9A
ACS175HMSR-03
25
Die
NA
Pinouts
ACS175MS
(SBDIP)
TOP VIEW
ACS175MS
(FLATPACK)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MR
Q0
Q0
D0
D1
Q1
GND
Q1
VCC
Q3
D3
D2
Q2
Q2
CP
Q3
MR
Q0
Q0
D0
D1
Q1
Q1
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
Q3
Q3
D3
D2
Q2
Q2
CP
Data Sheet
July 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - ACS175MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS174D INTERSIL-ACS174D Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
ACS174DMSR-03 INTERSIL-ACS174DMSR-03 Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
ACS174HMSR-03 INTERSIL-ACS174HMSR-03 Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
ACS174K INTERSIL-ACS174K Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
ACS174KMSR-03 INTERSIL-ACS174KMSR-03 Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
More results

Similar Description - ACS175MS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC175 TI-CD74AC175 Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
logo
Intersil Corporation
ACS174MS INTERSIL-ACS174MS Datasheet
39Kb / 2P
Radiation Hardened Hex D-Type Flip-Flop with Reset
July 1999
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com