Electronic Components Datasheet Search
  English  ▼

X  

ACS240MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACS240MS
Description  Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACS240MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACS240MS Datasheet HTML 1Page - Intersil Corporation ACS240MS Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
March 1998
ACS240MS
Radiation Hardened
Inverting, Octal, Three-State Buffer/Line Driver
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels VIL = (0.3V)(VCC), VIH = (0.7V)(VCC)
• Output Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±16mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . .20
µA
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . 11.5ns
Applications
• Databus Driving
• Data Routing
• Redundant Data Control Circuitry
Description
The Radiation Hardened ACS240MS is an Inverting, Octal,
Three-State Buffer/Line Driver with two active-LOW Enable
inputs (AE and BE). Each Enable input controls four outputs.
When an Enable input is LOW, the corresponding outputs
are active and input signals are inverted. A HIGH on an
Enable input causes the corresponding outputs to be high
impedance, regardless of the input levels.
The ACS240MS is fabricated on a CMOS Silicon on Sap-
phire (SOS) process, which provides an immunity to Single
Event Latch-up and the capability of highly reliable perfor-
mance in any radiation environment. These devices offer
significant power reduction and faster performance when
compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS240 are
contained in SMD 5962-98540. A “hot-link” is provided
on our homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm
Ordering Information
Pinouts
ACS240 (SBDIP)
TOP VIEW
ACS240 (FLATPACK)
TOP VIEW
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962F9854001VRC
ACS240DMSR-02
-55 to 125
20 Ld SBDIP
CDIP2-T20
N/A
ACS240D/Sample-02
25
20 Ld SBDIP
CDIP2-T20
5962F9854001VXC
ACS240KMSR-02
-55 to 125
20 Ld Flatpack
CDFP4-F20
N/A
ACS240K/Sample-02
25
20 Ld Flatpack
CDFP4-F20
N/A
ACS240HMSR-02
25
Die
N/A
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1
File Number
4478


Similar Part No. - ACS240MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS244D INTERSIL-ACS244D Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244DMSR-02 INTERSIL-ACS244DMSR-02 Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244HMSR-02 INTERSIL-ACS244HMSR-02 Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244K INTERSIL-ACS244K Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244KMSR-02 INTERSIL-ACS244KMSR-02 Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
More results

Similar Description - ACS240MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
logo
Renesas Technology Corp
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com