Electronic Components Datasheet Search
  English  ▼

X  

T63YB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T63YB
Description  1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T63YB Datasheet(HTML) 1 Page - Vishay Siliconix

  T63YB Datasheet HTML 1Page - Vishay Siliconix T63YB Datasheet HTML 2Page - Vishay Siliconix T63YB Datasheet HTML 3Page - Vishay Siliconix T63YB Datasheet HTML 4Page - Vishay Siliconix T63YB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T63
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
1
Document Number: 51024
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
Due to their square shape and small size (6.8 mm x 6.8 mm
x 5 mm), the multi-turn trimmers of the T63 series are ideally
suited for PCB use, enabling high density board mounting
with reduced space requirement between cards.
Six versions are available differing by the top or side position
of the adjustment screw and by PC pins configuration.
The use of cermet for the resistive track ensures an excellent
stability of nominal specifications throughout life.
FEATURES
• 0.25 W at 70 °C
• Industrial grade
• Tests according to CECC 41000 or IEC 60393-1
• Multi-turn operation
• Low contact resistance variation 1 % typical
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
Terminal Spacing on a 2.54 PCB
T63XA
T63XB
T63YA
T63YB
T63ZA
T63ZB
2.54
Ø 0.45
2.54
Screwdriver slot
0.5 x 0.5
2.3 ± 0.2
0.25
a
b
c
4 min.
6.8 ± 0.2
Ø 1.8
6.8 ± 0.2
0.7
5.7 ± 0.1
1 ± 0.1
5 max.
a
b
c
2.54
1.2 ± 0.3
2.54
Screwdriver slot
0.5 x 0.5
2.54
5.7 ± 0.1
0.25
a
b
c
4 min.
6.8 ± 0.2
Ø 1.8
6.8 ± 0.2
0.7
1 ± 0.1
5 max.
a
b
c
2.54
Ø 0.45
2.54
2.3 ± 0.2
7.8 max.
6.8 ± 0.2
a
b
c
4 min.
6.8 ± 0.2
Ø 1.8
0.25
1.3 ± 0.1
1 ± 0.1
5 max.
a
b
c
2.54
1.2 ± 0.3
2.54
2.54
Ø 1.8
6.8 ± 0.2
0.25
a
b
c
4 min.
6.8 ± 0.2
5 max.
1.3 ± 0.1
1 ± 0.1
a
b
c
6.8 ± 0.2
6.8 ± 0.2
a
b
c
2.54
2.54
3.7
Ø 1.8
5 max.
1.3 ± 0.1
1 ± 0.1
4 min.
c
b
a
6.8 ± 0.2
a
b
c
2.54
2.54
3.7
2.54
Ø 1.8
6.8 ± 0.2
c
b
a


Similar Part No. - T63YB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T63YB VISHAY-T63YB Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63YB104KT20 VISHAY-T63YB104KT20 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
More results

Similar Description - T63YB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com