Electronic Components Datasheet Search
  English  ▼

X  

T93YA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T93YA
Description  3/8 Square Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93YA Datasheet(HTML) 1 Page - Vishay Siliconix

  T93YA Datasheet HTML 1Page - Vishay Siliconix T93YA Datasheet HTML 2Page - Vishay Siliconix T93YA Datasheet HTML 3Page - Vishay Siliconix T93YA Datasheet HTML 4Page - Vishay Siliconix T93YA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T93
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
1
Document Number: 51026
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square Multi-Turn Cermet Trimmer
The T93 is a small size trimmer - 3/8" x 3/8" x 3/16" -
answering PC board mounting requirements.
Five versions are available which differ by the position of the
control screw in relation to the PC board plane and by the
spacing of the terminals.
Excellent operational stability is provided by the use of a
cermet element.
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41000 or IEC 60393-1
• Contact resistance variation < 1 %
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) To be measured at base level
DIMENSIONS in millimeters (± 0.5 mm)
2.3 ± 0.2 (1)
2.54
2.54
Slot 0.6 x 0.6
9.8 max. 5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
T93XA
9.7 max
5 max
1.2 ± 0.2
Terminal Spacing on
a 2.54 PCB
a
b
c
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
Slot 0.6 x 0.6
2.54
9.8 max
5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
9.7 max
5 max
1.2 ± 0.2
a
b
c
T93XB
2.3 ± 0.2 (1)
2.54 (1)
2.54 (1)
9.8 max
5 ± 1
ø 0.5
a
b
c
slot 0.6 x 0.6
ø 2.2
1.3
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YA
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
2.54
9.8 max
5 ± 1
a
slot 0.6 x 0.6
ø 2.2
1.3
ø 0.5
b
c
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YB
4.8 ± 0.2 (1)
Slot 0.6 x 0.6
2.54 (1)
2.54 (1)
2.54 (1)
9.7 max.
1.3
ø 2.2
c
b
a
T93Z
5.2 max
5 ± 1
ø 0.5
0.5
Base level
1.2 ± 0.1
1.3 ± 0.1
9.7 max
c
b
a


Similar Part No. - T93YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93YA VISHAY-T93YA Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93YA VISHAY-T93YA Datasheet
103Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
Revision: 20-Oct-2025
T93YA105KT20 VISHAY-T93YA105KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA224JT20 VISHAY-T93YA224JT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
More results

Similar Description - T93YA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com