Electronic Components Datasheet Search
  English  ▼

X  

MT5010 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MT5010
Description  Glass Passivated Three Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT5010 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MT5010 Datasheet HTML 1Page - List of Unclassifed Manufacturers MT5010 Datasheet HTML 2Page - List of Unclassifed Manufacturers MT5010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT5006 thru MT5016
Document Number: MT5006 thru MT5016
www.smsemi.com
July.22, 2014
2
Characteristic Curve
Fig.3 Max Non-Repetitive Peak Surge Current
Fig. 1 Forward Current Derating Curve
Fig.2 Typical Forward Characteristics
50
40
30
20
10
0
0
50
100
150
TC,CASE TEMPERATURE(℃)
50
40
30
20
10
0
0.6
0.8
1.0
1.2
1.4
1.6
IF,INSTANTANEOUS FORWARD VOLTAGE(V)
typ.
1
10
100
NUMBER OF CYCLES AT 60 HZ
500
400
300
200
100
0
Tj=25℃
Pulse Width=300μs
Resistive or
Inductive load
Mounted on a
220×220×50mm
Al plate heatsink
8.3ms Single Half
Sine-Wave JEDEC Method
1.0
0.5
0
Fig4. Transient thermal impedance
0.001
0.01
0.1
1.0
10
100
SQUARE WAVE PULSE DURATION (S)
Zth(j-C)
max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com