Electronic Components Datasheet Search
  English  ▼

X  

ACTS10MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS10MS
Description  Radiation Hardened Triple Three-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS10MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS10MS Datasheet HTML 1Page - Intersil Corporation ACTS10MS Datasheet HTML 2Page - Intersil Corporation ACTS10MS Datasheet HTML 3Page - Intersil Corporation ACTS10MS Datasheet HTML 4Page - Intersil Corporation ACTS10MS Datasheet HTML 5Page - Intersil Corporation ACTS10MS Datasheet HTML 6Page - Intersil Corporation ACTS10MS Datasheet HTML 7Page - Intersil Corporation ACTS10MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACTS10MS
Radiation Hardened
Triple Three-Input NAND Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP3-F14, LEAD FINISH C
TOP VIEW
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
A2
B2
C2
Y2
GND
VCC
C1
Y1
C3
B3
A3
Y3
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2V Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACTS10MS is a radiation hardened triple three-input
NAND gate. A high on all inputs forces the output to a low state.
The ACTS10MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.
April 1995
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACTS10DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
ACTS10KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
ACTS10D/Sample
+25oC
Sample
14 Lead SBDIP
ACTS10K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
ACTS10HMSR
+25oC
Die
Die
Truth Table
INPUTS
OUTPUT
An
Bn
Cn
Yn
LLL
H
LL
H
H
LHL
H
LH
H
H
HL
L
H
HLH
H
HH
L
H
HHH
L
NOTE: L = Logic Level Low, H = Logic Level High
Functional Diagram
An
Bn
Yn
(12, 6, 8)
(1, 3, 9)
(2, 4, 10)
(5, 11, 13)
Cn
Spec Number
518823
File Number
3631


Similar Part No. - ACTS10MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS112D INTERSIL-ACTS112D Datasheet
237Kb / 3P
Radiation Hardened Dual J-K Flip-Flop
January 1996
ACTS112HMSR INTERSIL-ACTS112HMSR Datasheet
237Kb / 3P
Radiation Hardened Dual J-K Flip-Flop
January 1996
ACTS112K INTERSIL-ACTS112K Datasheet
237Kb / 3P
Radiation Hardened Dual J-K Flip-Flop
January 1996
ACTS112MS INTERSIL-ACTS112MS Datasheet
237Kb / 3P
Radiation Hardened Dual J-K Flip-Flop
January 1996
ACTS125D INTERSIL-ACTS125D Datasheet
42Kb / 4P
Radiation Hardened Quad Buffer, Three-State
January 1996
More results

Similar Description - ACTS10MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS10MS INTERSIL-HCTS10MS Datasheet
147Kb / 9P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
Radiation Hardened Triple 3-Input NAND Gate
September 1995
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com