Electronic Components Datasheet Search
  English  ▼

X  

A20N16MPP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A20N16MPP
Description  PERFORATED PANELS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A20N16MPP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A20N16MPP Datasheet HTML 2Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 3Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 4Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 5Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 6Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 7Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 8Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 9Page - List of Unclassifed Manufacturers A20N16MPP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION
accessories
6
Panels for tyPe 1 enclosures and small tyPe
3r enclosures
Steel panels are 14 gauge, finished with white polyester powder
paint. Panel mounting hardware is furnished with enclosure.
Bulletin: pnlt1
Catalog Number
Panel Size D x E (in.)
Panel Size D x E (mm)
A6N4P
4.25 x 2.25
108 x 57
A6N6P
4.25 x 4.25
108 x 108
A8N6P
6.25 x 4.25
159 x 108
A8N8P
6.25 x 6.25
159 x 159
A10N8P
8.25 x 6.25
210 x 159
A10N10P
8.25 x 8.25
210 x 210
A12N10P
10.25 x 8.25
260 x 210
A12N12P
10.25 x 10.25
260 x 260
A14N12P
12.25 x 10.25
311 x 260
A16N12P
14.25 x 10.25
362 x 260
A20N12P
18.25 x 10.25
464 x 260
Panels for medium tyPe 1 enclosures
Steel panels are 14 or 12 gauge with a white polyester powder paint
finish. Panel mounting hardware is furnished with enclosure.
Bulletin: pnlt1
Catalog Number
Panel Thickness (ga.)
Panel Size D x E (in.)
Panel Size D x E (mm)
A16N12MP
14
13.00 x 10.50
330 x 267
A20N12MP
14
17.00 x 10.50
432 x 267
A16N16MP
14
13.00 x 14.50
330 x 368
A20N16MP
14
17.00 x 14.50
432 x 368
A24N16MP
14
21.00 x 14.50
533 x 368
A18N18MP
14
15.00 x 16.50
381 x 419
A16N20MP
14
13.00 x 18.50
330 x 470
A20N20MP
14
17.00 x 18.50
432 x 470
A24N20MP
14
21.00 x 18.50
533 x 470
A30N20MP
14
26.00 x 18.50
660 x 470
A24N24MP
12
21.00 x 22.50
533 x 571
A30N24MP
12
26.00 x 22.50
660 x 571
A36N24MP
12
32.00 x 22.50
813 x 571
A30N30MP
12
26.00 x 28.50
660 x 724
A36N30MP
12
32.00 x 28.50
813 x 724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com