Electronic Components Datasheet Search
  English  ▼

X  

A24N16MPP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A24N16MPP
Description  PERFORATED PANELS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A24N16MPP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A24N16MPP Datasheet HTML 1Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 2Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 3Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 4Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 5Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 6Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 7Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 8Page - List of Unclassifed Manufacturers A24N16MPP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Spec-00310 P
Panels and Panel accessories Panels for enclosures
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
1
Spec-00310
p763.422.2211
763.422.2600
accessories
Panels and Panel accessories
Panels for enclosures
Perforated Panels
Perforated panels are 16 gauge steel and accept self-tapping screws and eliminate the need to measure, mark and drill when mounting
components. Use for mounting lightweight control components.
Bulletin: pnlp
Catalog Number
Use in
Panel Size D x E (in.)
Panel Size D x E (mm)
A6N6PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
4.25 x 4.25
108 x 108
A8N6PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
6.25 x 4.25
159 x 108
A8N8PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
6.25 x 6.25
159 x 159
A10N8PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
8.25 x 6.25
210 x 159
A10N10PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
8.25 x 8.25
210 x 210
A12N10PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
10.25 x 8.25
260 x 210
A12N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
10.25 x 10.25
260 x 260
A14N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
12.25 x 10.25
311 x 260
A16N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
14.25 x 10.25
362 x 260
A20N12PP
Small Type 1 Panel Enclosures and Small Type 3R Boxes
18.25 x 10.25
464 x 260
A16N12MPP
Medium Type 1 Panel Enclosures
13.00 x 10.50
330 x 267
A16N16MPP
Medium Type 1 Panel Enclosures
13.00 x 14.50
330 x 368
A16N20MPP
Medium Type 1 Panel Enclosures
13.00 x 18.50
330 x 470
A18N18MPP
Medium Type 1 Panel Enclosures
15.00 x 16.50
381 x 419
A20N12MPP
Medium Type 1 Panel Enclosures
17.00 x 10.50
432 x 267
A20N16MPP
Medium Type 1 Panel Enclosures
17.00 x 14.50
432 x 368
A20N20MPP
Medium Type 1 Panel Enclosures
17.00 x 18.50
432 x 470
A24N16MPP
Medium Type 1 Panel Enclosures
21.00 x 14.50
533 x 368
A24N20MPP
Medium Type 1 Panel Enclosures
21.00 x 18.50
533 x 470
A24N24MPP
Medium Type 1 Panel Enclosures
21.00 x 22.50
533 x 572
A30N20MPP
Medium Type 1 Panel Enclosures
26.00 x 18.50
660 x 470
A30N24MPP
Medium Type 1 Panel Enclosures
26.00 x 22.50
660 x 572
A30N30MPP
Medium Type 1 Panel Enclosures
26.00 x 28.50
660 x 724
A36N24MPP
Medium Type 1 Panel Enclosures
32.00 x 22.50
813 x 572
A36N30MPP
Medium Type 1 Panel Enclosures
32.00 x 26.50
813 x 724
A16P12PP
Medium Type 3R Hinged-Cover Panel Enclosures
13.00 x 9.00
330 x 229
A16P16PP
Medium Type 3R Hinged-Cover Panel Enclosures
13.00 x 13.00
330 x 330
A20P16PP
Medium Type 3R Hinged-Cover Panel Enclosures
17.00 x 13.00
432 x 330
A18P18PP
Medium Type 3R Hinged-Cover Panel Enclosures
15.00 x 15.00
381 x 381
A20P20PP
Medium Type 3R Hinged-Cover Panel Enclosures
17.00 x 17.00
432 x 732
A24P20PP
Medium Type 3R Hinged-Cover Panel Enclosures
21.00 x 17.00
533 x 432
A24P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
21.00 x 21.00
533 x 533
A30P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
27.00 x 21.00
686 x 533
A36P24PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 21.00
838 x 533
A30P30PP
Medium Type 3R Hinged-Cover Panel Enclosures
27.00 x 27.00
686 x 686
A36P30PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 27.00
838 x 686
A36P36PP
Medium Type 3R Hinged-Cover Panel Enclosures
33.00 x 33.00
838 x 838


Similar Part No. - A24N16MPP

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
A24N16MPP PENTAIR-A24N16MPP Datasheet
1Mb / 16P
Panels and Panel Accessories
More results

Similar Description - A24N16MPP

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8120756 FIBOX-8120756 Datasheet
336Kb / 2P
Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120930 FIBOX-8120930 Datasheet
192Kb / 2P
Mounting plate perforated (250x150x2 mm - 26x11 mm)
11.01.2023
8120931 FIBOX-8120931 Datasheet
204Kb / 2P
Mounting plate perforated (350x250x2 mm - 26x11 mm)
11.01.2023
8120933 FIBOX-8120933 Datasheet
324Kb / 2P
Mounting plate perforated (550x350x2 mm - 26x11 mm)
11.01.2023
8120752 FIBOX-8120752 Datasheet
43Kb / 1P
Mounting plate perforated (250x250x2 mm - 26x11 mm)
24.07.2023
8120754 FIBOX-8120754 Datasheet
44Kb / 1P
Mounting plate perforated (350x350x2 mm - 26x11 mm)
24.07.2023
8230004 FIBOX-8230004 Datasheet
37Kb / 1P
Mounting Nuts for Perforated MPP
26.07.2023
8230005 FIBOX-8230005 Datasheet
37Kb / 1P
Mounting Nuts for Perforated MPP
26.07.2023
8230006 FIBOX-8230006 Datasheet
37Kb / 1P
Mounting Nuts for Perforated MPP
26.07.2023
logo
Kendall Howard
3142-3-001-15 KENDALLHOWARD-3142-3-001-15 Datasheet
329Kb / 2P
15U LINIER WM FIXED CABINET, PERFORATED DOOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com