Electronic Components Datasheet Search
  English  ▼

X  

AD7352YRUZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7352YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352YRUZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7352YRUZ Datasheet HTML 13Page - Analog Devices AD7352YRUZ Datasheet HTML 14Page - Analog Devices AD7352YRUZ Datasheet HTML 15Page - Analog Devices AD7352YRUZ Datasheet HTML 16Page - Analog Devices AD7352YRUZ Datasheet HTML 17Page - Analog Devices AD7352YRUZ Datasheet HTML 18Page - Analog Devices AD7352YRUZ Datasheet HTML 19Page - Analog Devices AD7352YRUZ Datasheet HTML 20Page - Analog Devices AD7352YRUZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD7352
Rev. A | Page 20 of 20
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 32. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Notes
Temperature Range
Package Description
Package Option
AD7352BRUZ
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7352BRUZ-500RL7
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7352BRUZ-RL
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7352YRUZ
−40°C to +125°C
16-Lead TSSOP
RU-16
AD7352YRUZ-500RL7
−40°C to +125°C
16-Lead TSSOP
RU-16
AD7352YRUZ-RL
−40°C to +125°C
16-Lead TSSOP
RU-16
EVAL-AD7352EDZ
2
Evaluation Board
EVAL-CED1Z
3
Converter Evaluation and Development Board
1 Z = RoHS Compliant Part.
2 This evaluation board can be used as a standalone evaluation board or in conjunction with the EVAL-CED1Z board for evaluation/demonstration purposes
3 This evaluation board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the ED designator.
©2008–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07044-0-8/11(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com