Electronic Components Datasheet Search
  English  ▼

X  

ACTS374MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS374MS
Description  Radiation Hardened Octal D Flip-Flop, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS374MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS374MS Datasheet HTML 1Page - Intersil Corporation ACTS374MS Datasheet HTML 2Page - Intersil Corporation ACTS374MS Datasheet HTML 3Page - Intersil Corporation ACTS374MS Datasheet HTML 4Page - Intersil Corporation ACTS374MS Datasheet HTML 5Page - Intersil Corporation ACTS374MS Datasheet HTML 6Page - Intersil Corporation ACTS374MS Datasheet HTML 7Page - Intersil Corporation ACTS374MS Datasheet HTML 8Page - Intersil Corporation ACTS374MS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACTS374MS
Radiation Hardened
Octal D Flip-Flop, Three-State
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE
Q0
D0
D1
Q1
Q2
D2
D3
9
10
12
11
Q3
GND
VCC
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
April 1995
Truth Table
INPUTS
OUTPUTS
OE
CP
Dn
Qn
LH
H
LL
L
LX
X
Q0
HX
X
Z
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance
= Transition from Low to High Level
Q0
= the level of Q before the indicated input conditions
were established
Functional Diagram
DQ
CP
D
CP
Q
OE
FF
COMMON CONTROLS
OE
1 OF 8
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACTS374DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
ACTS374KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
ACTS374D/Sample
+25oC
Sample
20 Lead SBDIP
ACTS374K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
ACTS374HMSR
+25oC
Die
Die
Spec Number
518828
File Number
3998
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2V Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ATCS374MS is a radiation hardened octal D-type
flip-flop with three-state outputs. The eight edge-triggered flip-
flops enter data into their registers on the low to high transition of
clock (CP). The Output Enable (OEN) controls the three-state
outputs and is independent of the register operation. When OEN
is high, the outputs will be in the high impedance state.
The ACTS374MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.


Similar Part No. - ACTS374MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS373D INTERSIL-ACTS373D Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373D RENESAS-ACTS373D Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373DMSR INTERSIL-ACTS373DMSR Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373DMSR RENESAS-ACTS373DMSR Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373HMSR INTERSIL-ACTS373HMSR Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results

Similar Description - ACTS374MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS273MS INTERSIL-HCTS273MS Datasheet
281Kb / 10P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCS374MS RENESAS-HCS374MS Datasheet
571Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
November 11, 2004
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
Radiation Hardened Octal D Flip-Flop
September 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com