Electronic Components Datasheet Search
  English  ▼

X  

ST08-PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ST08-PC
Description  8 and 11 Pin Square Base Sockets, DIN Rail Mountable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST08-PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST08-PC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
Custom Connector Corporation • 1738 E. 30th, Cleveland, OH 44114 • 216/241-1679 • Fax 216/241-5529
E-mail: sales@customconnector.com • Web: www.customconnector.com
TM
ST SERIES
RELAY SOCKETS
DESCRIPTION
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
ELECTRICAL RATING
• 300 Volts, 15 Amps
CONSTRUCTION
Contacts
• Brass, Nickel Plated
Screws
• Binder Head, 6 - 32 x 1/4”
Steel, Zinc Plated
• Pressure Clamp, 6 - 32 X 5/16” Steel
Zinc Plated, Wire Range #12 - #22
Solid or Stranded
Molding
• Break Resistant Thermoplastic
Black Standard, Grey Available
AGENCY APPROVALS
• UL recognized, File No. E60008
• CSA certified, File No. LR29513
• CE
ORDERING CODE
PART NO.
DESCRIPTION
TERMINAL TYPE
ST08
DPDT, 8 Pin Blade
Binder Head Screws
ST08-PC
DPDT, 8 Pin Blade
Pressure Clamp Screws
ST11
3PDT, 11 Pin Blade
Binder Head Screws
ST11-PC
3PDT, 11 Pin Blade
Pressure Clamp Screws
ACCESSORIES
PART NO.
DESCRIPTION (Refer to the accessories pages 25-27))
C-103-PM
Prepunched Aluminum DIN Rail (1 Meter Lengths)
C-104-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-105-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-106-2PM
Prepunched Steel DIN Rail (2 Meter Lengths)
C-108-PM
Prepunched Raised Aluminum DIN Rail (1 Meter Lengths)
C-108-2PM
Prepunched Raised Aluminum DIN Rail (2 Meter Lengths)
HDB-8
Hold Down Spring
ST SERIES NOTE:
Terminals 2,5 and 8 omitted on
DPDT, 8 Pin models
B
TERMINAL LOCATION
TOP VIEW
8
9
7
BA
29513
IN
MADE
USA
65
4
1
2
3
A
987
TYP.
TYP.
1.550 [39.37]
1.703 [43.26]
.156 [3.96]
1.030 [26.16]
.390 [9.91]
1.500 [38.10]
3.000 [76.20]
.317 [8.04]
CUSTOM CONNECTOR
®
®


Similar Part No. - ST08-PC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
ST0805XR104K101 MERITEK-ST0805XR104K101 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
logo
ABC Taiwan Electronics ...
ST08061R0ML ABC-ST08061R0ML Datasheet
532Kb / 7P
SMD TOROIDAL POWER FILTER
ST0806220ML ABC-ST0806220ML Datasheet
532Kb / 7P
SMD TOROIDAL POWER FILTER
ST08066R5ML ABC-ST08066R5ML Datasheet
532Kb / 7P
SMD TOROIDAL POWER FILTER
logo
New Jersey Semi-Conduct...
ST080S02P NJSEMI-ST080S02P Datasheet
53Kb / 1P
20 STERN ave.
More results

Similar Description - ST08-PC

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
logo
Chinfa Electronics Ind....
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
10A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
20A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
List of Unclassifed Man...
84115501 ETC2-84115501 Datasheet
520Kb / 4P
DIN-Rail Mountable Single Point Input Modules
DR-IAC5 ETC2-DR-IAC5 Datasheet
550Kb / 4P
DIN-Rail Mountable Single Point Input Modules
OT08-PC ETC2-OT08-PC Datasheet
87Kb / 1P
8 and 11 Pin Octal Sockets, DIN Rail Mountable
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
10A REDUNDANT MODULE DIN RAIL MOUNTABLE
PBDRP20 POWERBOX-PBDRP20 Datasheet
51Kb / 1P
20A REDUNDANT MODULE DIN RAIL MOUNTABLE
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
AC Outlet DIN-Rail Mountable Receptacles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com