Electronic Components Datasheet Search
  English  ▼

X  

ACTS280K Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS280K
Description  Radiation Hardened 9-Bit Odd/ Even Parity Generator Checker
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS280K Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS280K Datasheet HTML 1Page - Intersil Corporation ACTS280K Datasheet HTML 2Page - Intersil Corporation ACTS280K Datasheet HTML 3Page - Intersil Corporation ACTS280K Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
ACTS280MS
Radiation Hardened 9-Bit Odd/
Even Parity Generator Checker
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96720 and Intersil’ QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 24ns (Max), 16ns (Typ)
Description
The Intersil ACTS280MS is a Radiation Hardened 9-bit odd/even parity
generator checker device. Both odd and even parity outputs are available
for generating or checking parity for words up to 9 bits long. Even parity
is indicated (EVEN output high) when an even number of data inputs are
high. Odd parity is indicated (ODD output high) when an odd number of
data inputs are high. Parity checking for larger words can be accom-
plished by tying EVEN output to any input of an additional ACTS280MS.
The ACTS280MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic Family.
The ACTS280MS is supplied in a 14 lead Ceramic Flatpack (K suffix) or
a Ceramic Dual-In-Line Package (D suffix).
January 1996
Pinouts
14 PIN CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR, CDIP2-T14,
LEAD FINISH C
TOP VIEW
14 PIN CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR, CDFP3-F14
LEAD FINISH C
TOP VIEW
I6
I7
NC
I8
EVEN
ODD
GND
VCC
I5
I4
I3
I2
I1
I0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
I6
I7
NC
I8
EVEN
ODD
GND
VCC
I5
I4
I3
I2
I1
I0
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9672001VCC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead SBDIP
5962F9672001VXC
-55oC to +125oC
MIL-PRF-38535 Class V
14 Lead Ceramic Flatpack
ACTS280D/Sample
25oC
Sample
14 Lead SBDIP
ACTS280K/Sample
25oC
Sample
14 Lead Ceramic Flatpack
ACTS280HMSR
25oC
Die
Die
Spec Number
518827
File Number
3569.1


Similar Part No. - ACTS280K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS20D INTERSIL-ACTS20D Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACTS20DMSR INTERSIL-ACTS20DMSR Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACTS20HMSR INTERSIL-ACTS20HMSR Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACTS20K INTERSIL-ACTS20K Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACTS20KMSR INTERSIL-ACTS20KMSR Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
More results

Similar Description - ACTS280K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
9-bit odd/even parity generator/checker
1996 Mar 12
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
9-bit Odd/Even Parity Generator/Checker
logo
Intersil Corporation
ACS280MS INTERSIL-ACS280MS Datasheet
56Kb / 3P
Radiation Hardened 9-Bit Odd/ Even Parity Generator Checker
January 1996
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
9-Bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
9-bit Odd / Even Parity Generator / Checker
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
9-bit Odd/Even Parity Generator/Checker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com