Electronic Components Datasheet Search
  English  ▼

X  

AD7467 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7467
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7467 Datasheet HTML 12Page - Analog Devices AD7467 Datasheet HTML 13Page - Analog Devices AD7467 Datasheet HTML 14Page - Analog Devices AD7467 Datasheet HTML 15Page - Analog Devices AD7467 Datasheet HTML 16Page - Analog Devices AD7467 Datasheet HTML 17Page - Analog Devices AD7467 Datasheet HTML 18Page - Analog Devices AD7467 Datasheet HTML 19Page - Analog Devices AD7467 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 15 of 28
1.0
–0.6
–0.4
–0.2
0
0.4
0.2
0.6
0.8
–0.8
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
VDD = 1.8V
TEMP = 25
°C
fIN = 50Hz
fSAMPLE = 100kSPS
Figure 14. AD7466 DNL Performance
290
90
115
140
165
190
215
240
265
65
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
SUPPLY VOLTAGE (V)
fSAMPLE = 100kSPS
TEMP = +85
°C
TEMP = –40
°C
TEMP = +25
°C
Figure 15. AD7466 Supply Current vs. Supply Voltage, SCLK 3.4 MHz
560
140
200
260
320
380
440
500
80
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
SUPPLY VOLTAGE (V)
TEMP = 25
°C
fSCLK = 3.4MHz, fSAMPLE = 200kSPS
fSCLK = 1.2MHz, fSAMPLE = 50kSPS
fSCLK = 2.4MHz, fSAMPLE = 140kSPS
Figure 16. AD7466 Maximum Current vs. Supply Voltage
for Different SCLK Frequencies
2.5
0.5
1.0
1.5
2.0
0
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
TEMP = +25
°C
TEMP = +85
°C
TEMP = –40
°C
Figure 17. Shutdown Current vs. Supply Voltage
1.4
0.2
0.4
0.6
1.0
1.2
0.8
0
0
50
100
150
200
250
THROUGHPUT (kSPS)
TEMP = 25
°C
VDD = 3.0V
VDD = 2.7V
VDD = 2.2V
VDD = 1.8V
Figure 18. AD7466 Power Consumption vs. Throughput Rate, SCLK 3.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com