Electronic Components Datasheet Search
  English  ▼

X  

ACTS573MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS573MS
Description  Radiation Hardened Octal Three-State Transparent Latch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS573MS Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS573MS Datasheet HTML 1Page - Intersil Corporation ACTS573MS Datasheet HTML 2Page - Intersil Corporation ACTS573MS Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACTS573MS
Radiation Hardened Octal
Three-State Transparent Latch
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR,
CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR,
CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
LE
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
LE
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96725 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current
≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 18ns (Max), 12ns (Typ)
Description
The Intersil ACTS573MS is a Radiation Hardened Octal Transparent
Latch with an active low output enable. The outputs are transparent to
the inputs when the latch enable (LE) is High. When the latch goes low
the data is latched. The output enable controls the three-state outputs.
When the output enable pins (OE) are high the output is in a high
impedance state. The latch operation is independent of the state of
output enable.
The ACTS573MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic family.
The ACTS573MS is supplied in a 20 lead Ceramic Flatpack (K suffix) or
a Ceramic Dual-In-Line package (D suffix).
January 1996
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9672501VRC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead SBDIP
5962F9672501VXC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead Ceramic Flatpack
ACTS573D/Sample
25oC
Sample
20 Lead SBDIP
ACTS573K/Sample
25oC
Sample
20 Lead Ceramic Flatpack
ACTS573HMSR
25oC
Die
Die
Spec Number
518892
File Number
4092


Similar Part No. - ACTS573MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS573DTR-02 INTERSIL-ACTS573DTR-02 Datasheet
40Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
July 1999
ACTS573KTR-02 INTERSIL-ACTS573KTR-02 Datasheet
40Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
July 1999
ACTS573T INTERSIL-ACTS573T Datasheet
40Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
July 1999
More results

Similar Description - ACTS573MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com