Electronic Components Datasheet Search
  English  ▼

X  

ACTS541D Datasheet(PDF) 3 Page - Intersil Corporation

Part # ACTS541D
Description  Radiation Hardened Octal Three-State Buffer/Line Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS541D Datasheet(HTML) 3 Page - Intersil Corporation

  ACTS541D Datasheet HTML 1Page - Intersil Corporation ACTS541D Datasheet HTML 2Page - Intersil Corporation ACTS541D Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
ACTS541MS
Die Characteristics
DIE DIMENSIONS:
102 mils x 102 mils
2,600mm x 2,600mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å
±1.125kÅ
Metal 2 Thickness: 9k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm
Metallization Mask Layout
ACTS541MS
(16) Y2
NC
A2 (4)
(14) Y4
(15) Y3
A3 (5)
NC
A4 (6)
NC
A5 (7)
(17) Y1
NC
Spec Number
518891



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com