Electronic Components Datasheet Search
  English  ▼

X  

ACTS86DMSR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ACTS86DMSR
Description  Radiation Hardened Quad 2-Input Exclusive OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS86DMSR Datasheet(HTML) 6 Page - Intersil Corporation

  ACTS86DMSR Datasheet HTML 1Page - Intersil Corporation ACTS86DMSR Datasheet HTML 2Page - Intersil Corporation ACTS86DMSR Datasheet HTML 3Page - Intersil Corporation ACTS86DMSR Datasheet HTML 4Page - Intersil Corporation ACTS86DMSR Datasheet HTML 5Page - Intersil Corporation ACTS86DMSR Datasheet HTML 6Page - Intersil Corporation ACTS86DMSR Datasheet HTML 7Page - Intersil Corporation ACTS86DMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ACTS86MS
Metallization Mask Layout
ACTS86MS
(2)
(1)
(13)
GND
Y3
Y2
Y1 (3)
A2 (4)
NC
B2 (5)
(12) A4
(11) Y4
NC
A1
B4
B1
(6)
(7)
(8)
(10) B3
(14)
VCC
A3
(9)
Spec Number
518847
Die Characteristics
DIE DIMENSIONS:
88 mils x 88 mils
2.24mm x 2.24mm
METALLIZATION:
Type: AlSiCu
Metal 1 Thickness: 6.75k
Å (Min), 8.25kÅ (Max)
Metal 2 Thickness: 9k
Å (Min), 11kÅ (Max)
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
DIE ATTACH:
Material: Silver Glass or JM7000 Polymer after 7/1/95
WORST CASE CURRENT DENSITY:
< 2.0 x 105 A/cm2
BOND PAD SIZE:
> 4.3 mils x 4.3 mils
> 110
µm x 110µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com