Electronic Components Datasheet Search
  English  ▼

X  

ACTS86KMSR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS86KMSR
Description  Radiation Hardened Quad 2-Input Exclusive OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS86KMSR Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS86KMSR Datasheet HTML 1Page - Intersil Corporation ACTS86KMSR Datasheet HTML 2Page - Intersil Corporation ACTS86KMSR Datasheet HTML 3Page - Intersil Corporation ACTS86KMSR Datasheet HTML 4Page - Intersil Corporation ACTS86KMSR Datasheet HTML 5Page - Intersil Corporation ACTS86KMSR Datasheet HTML 6Page - Intersil Corporation ACTS86KMSR Datasheet HTML 7Page - Intersil Corporation ACTS86KMSR Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
ACTS86MS
Radiation Hardened
Quad 2-Input Exclusive OR Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR, CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR, CDFP3-F14, LEAD FINISH C
TOP VIEW
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
Y1
A2
B2
Y2
GND
VCC
B4
A4
Y4
B3
A3
Y3
April 1995
Truth Table
INPUTS
OUTPUT
An
Bn
Yn
LLL
LH
H
HLH
HH
L
NOTE: L = Logic Level Low, H = Logic Level High
Functional Diagram
An
Bn
(1, 4, 9, 12)
(2, 5, 10, 13)
Yn
(3, 6, 8, 11)
Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2V Min
• Input Current
≤1µA at VOL, VOH
Description
The Intersil ACTS86MS is a radiation hardened quad 2-input
exclusive OR gate. A high logic level on any one input exclu-
sively will change the output to a high logic state.
The ACTS86MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family.
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
ACTS86DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
ACTS86KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
ACTS86D/Sample
+25oC
Sample
14 Lead SBDIP
ACTS86K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
ACTS86HMSR
+25oC
Die
Die
Spec Number
518847
File Number
3996


Similar Part No. - ACTS86KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00D INTERSIL-ACTS00D Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00DMSR INTERSIL-ACTS00DMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00HMSR INTERSIL-ACTS00HMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00K INTERSIL-ACTS00K Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00KMSR INTERSIL-ACTS00KMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
More results

Similar Description - ACTS86KMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS86MS INTERSIL-ACS86MS Datasheet
62Kb / 6P
Radiation Hardened Quad 2-Input Exclusive OR Gate
April 1995
HCS86MS INTERSIL-HCS86MS Datasheet
176Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS32MS INTERSIL-HCTS32MS Datasheet
55Kb / 9P
Radiation Hardened Quad 2-Input OR Gate
September 1995
HCTS86MS INTERSIL-HCTS86MS Datasheet
146Kb / 9P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
HCS32MS INTERSIL-HCS32MS_07 Datasheet
285Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
logo
Renesas Technology Corp
ACS32MS RENESAS-ACS32MS Datasheet
175Kb / 2P
Radiation Hardened Quad 2-Input OR Gate
November 1998
HCS32MS RENESAS-HCS32MS Datasheet
481Kb / 11P
Radiation Hardened Quad 2-Input OR Gate
April 11, 2007
HCS86MS RENESAS-HCS86MS Datasheet
377Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
September 1995
HCTS86MS RENESAS-HCTS86MS Datasheet
385Kb / 8P
Radiation Hardened Quad 2-Input Exclusive OR Gate
October 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com