Electronic Components Datasheet Search
  English  ▼

X  

BUZ21 Datasheet(PDF) 5 Page - Intersil Corporation

Part # BUZ21
Description  19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

BUZ21 Datasheet(HTML) 5 Page - Intersil Corporation

  BUZ21 Datasheet HTML 1Page - Intersil Corporation BUZ21 Datasheet HTML 2Page - Intersil Corporation BUZ21 Datasheet HTML 3Page - Intersil Corporation BUZ21 Datasheet HTML 4Page - Intersil Corporation BUZ21 Datasheet HTML 5Page - Intersil Corporation BUZ21 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
0
0.5
1.0
1.5
2.0
2.5
3.0
VSD, SOURCE TO DRAIN VOLTAGE (V)
102
101
100
10-1
PULSE DURATION = 80
µs
TJ = 25
oC
TJ = 150
oC
15
10
5
0
0
1020304050
Qg(TOT), TOTAL GATE CHARGE (nC)
ID = 21A
VDS = 20V
VDS = 80V
tP
VGS
0.01
Ω
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
BUZ21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com