Electronic Components Datasheet Search
  English  ▼

X  

L4937NL Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4937NL
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4937NL Datasheet(HTML) 6 Page - STMicroelectronics

  L4937NL Datasheet HTML 1Page - STMicroelectronics L4937NL Datasheet HTML 2Page - STMicroelectronics L4937NL Datasheet HTML 3Page - STMicroelectronics L4937NL Datasheet HTML 4Page - STMicroelectronics L4937NL Datasheet HTML 5Page - STMicroelectronics L4937NL Datasheet HTML 6Page - STMicroelectronics L4937NL Datasheet HTML 7Page - STMicroelectronics L4937NL Datasheet HTML 8Page - STMicroelectronics L4937NL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Figure 1 : Output Voltage vs. Input Voltage.
Figure 2 : Quiescent Current vs. Supply Voltage.
RESET CIRCUIT
The block circuit diagram of the reset circuit is shown
in fig. 3. The reset circuit supervises the standby out-
put voltage. The reset threshold of 4.7V is defined
by the internal reference voltage and the standby
output divider.
The reset pulse delay time tRD, is defined by the
charge time of an external capacitor CT :
CT x 2V
tRD =
2
µA
The reaction time of the reset circuit depends on the
discharge time limitation of the reset capacitor CT
and is proportional to the value of CT.
The reaction time of the reset circuit increases the
noise immunity. In fact, if the standby output voltage
drops below the reset threshold for a time shorter
than the reaction time tRR, no reset output variation
occurs. The nominal reset delay is generated for
standby output voltage drops longer than the time
necessary for the complete discharging of the ca-
pacitor CT. This time is typically equal to 50
µs if CT
= 100nF. The typical reset output waveforms are
shown in fig.
400
200
L4937N
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com