Electronic Components Datasheet Search
  English  ▼

X  

L6208QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6208QTR
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6208QTR Datasheet HTML 9Page - STMicroelectronics L6208QTR Datasheet HTML 10Page - STMicroelectronics L6208QTR Datasheet HTML 11Page - STMicroelectronics L6208QTR Datasheet HTML 12Page - STMicroelectronics L6208QTR Datasheet HTML 13Page - STMicroelectronics L6208QTR Datasheet HTML 14Page - STMicroelectronics L6208QTR Datasheet HTML 15Page - STMicroelectronics L6208QTR Datasheet HTML 16Page - STMicroelectronics L6208QTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID018710 Rev 3
13/34
L6208Q
Circuit description
34
5.2
Logic inputs
Pins CONTROL, HALF/FULL, CLOCK, RESET and CW/CCW are TTL/CMOS and µC
compatible logic inputs. The internal structure is shown in Figure 9. Typical values for turn-
on and turn-off thresholds are respectively Vth(ON) = 1.8 V and Vth(OFF) = 1.3 V.
Pin EN (Enable) has identical input structure with the exception that the drain of the
overcurrent and thermal protection MOSFET is also connected to this pin. Due to this
connection, some care must be taken in driving this pin. The EN input may be driven in one
of two configurations, as shown in Figure 10 or 11. If driven by an open drain (collector)
structure, a pull-up resistor REN and a capacitor CEN are connected, as shown in Figure 10.
If the driver is a standard push-pull structure, the resistor REN and the capacitor CEN are
connected, as shown in Figure 11. The resistor REN should be chosen in the range from 2.2
k
 to 180 k. Recommended values for REN and CEN are respectively 100 k and 5.6 nF.
More information on selecting the values is found in Section 5.9.
Figure 9. Logic inputs internal structure
Figure 10. EN pins open collector driving
Figure 11. EN pins push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com