Electronic Components Datasheet Search
  English  ▼

X  

L6520TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6520TR
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520TR Datasheet(HTML) 3 Page - STMicroelectronics

  L6520TR Datasheet HTML 1Page - STMicroelectronics L6520TR Datasheet HTML 2Page - STMicroelectronics L6520TR Datasheet HTML 3Page - STMicroelectronics L6520TR Datasheet HTML 4Page - STMicroelectronics L6520TR Datasheet HTML 5Page - STMicroelectronics L6520TR Datasheet HTML 6Page - STMicroelectronics L6520TR Datasheet HTML 7Page - STMicroelectronics L6520TR Datasheet HTML 8Page - STMicroelectronics L6520TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
L6520, L6521
Description
Doc ID 16998 Rev 3
3/19
1
Description
The L6520/1 is the first highly integrated ballast controller in the market able to drive both
BJTs and MOSFETs, providing all the necessary protections to ensure the maximum
reliability of the application in compliance with major safety and power consumption
regulations.
By adopting BJTs switches in the application, the IC allows to replace more expensive
MOSFETs, strongly reducing the system cost without compromises.
The IC represents also the best and cost effective solution to replace self oscillating
solutions when the key requirement is the reliability of the ballast. The benefits are an
increased MTBF and a reduction of the costs due to the return from the field.
The higher level of flexibility and integration provided allows the possibility to quickly design
ballast with any kind of lamp topology/size/power, without limitations. Depending on the
power of the lamp, the IC can work without PFC, with passive PFC or with active PFC. In the
latter case the L6562A from STMicroelectronics is the suggested IC for the most cost
effective solution.
The IC is fully programmable using only resistors and offers over current protections, choke
saturation control and hard switching protection thanks to a sophisticated current control
circuit (CCC). In ignition, the CCC limits both the maximum lamp voltage in case of old or
broken lamp, and also the lamp current in case of inductor saturation.
When the IC is driving bipolar transistors, a variable dead time ensures the correct base
discharge time avoiding cross conduction phenomena. Moreover, the IC prevents the failure
due to the lamp's end of life (EOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com