Electronic Components Datasheet Search
  English  ▼

X  

BXHF1082 Datasheet(PDF) 1 Page - API Delevan

Part # BXHF1082
Description  High Frequency Microwave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1082 Datasheet(HTML) 1 Page - API Delevan

  BXHF1082 Datasheet HTML 1Page - API Delevan BXHF1082 Datasheet HTML 2Page - API Delevan BXHF1082 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Features
10/27/2014
1
Model BXHF1082 is a high frequency amplifier covering 5-15 GHz. This design utilizes a laser sealed housing
for superior environmental protection. This standard design may also be ordered in a screened MIL-STD-883
version (Model #SXHF1082.) All specification ratings are based on measurements in a 50 Ω (ohm) system with
a DC supply voltage tolerance of +/- 2%.
High Frequency Microwave Amplifier
Model # BXHF1082
• High Frequency and Broad Bandwidth: 5-15 GHz
• High Gain: 30 dB
• Laser Welded Housing for Ultimate Environmental Protection
• Internal Voltage Regulator
• RoHS Compliant Option: Model BXHF1082LF
Mechanical & Electrical
Parameter
Specification
Specification Temperatures (Min/Max)
-20°C to +70°C
Housing Size
1.500” L x 1.060” W x 0.300” H
Housing Drawing
HF2 Package
RF Connectors
SMA Female Replaceable Connectors
Maximum (No Damage) Ratings
Storage Temperature
-55°C to +85°C
Operating Temperature
-40°C to +85°C
DC Voltage @ 25°C
+18 volts
Input Drive @ 25°C (CW)
+13 dBm
Maximum Ratings
Technical Specifications
Parameter
Unit
Typical
Min/Max
Frequency Range
GHz
5-15
5-15
Gain
dB
30
27
Noise Figure
dB
2.5
3.5
Output Power @ 1 dB
Compression
dBm
15
-
Output 3rd Order Intercept
dBm
26
-
Output 2nd Order Intercept
dBm
32
-
Reverse Isolation
dB
60
-
Input VSWR
---
1.2:1
2.0:1
Output VSWR
---
1.4:1
2.0:1
Supply Voltage
volts
+12 to +15
+12 to +15
Supply Current
mA
150
200
* Typical values are measured at 25
°C,
but not guaranteed.
Frequency Range: 5-15 GHz


Similar Part No. - BXHF1082

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXHF1081 API-BXHF1081 Datasheet
379Kb / 3P
High Frequency Microwave Amplifier
BXHF1083 API-BXHF1083 Datasheet
446Kb / 3P
High Frequency Microwave Amplifier
BXHF1084 API-BXHF1084 Datasheet
322Kb / 3P
High Frequency Microwave Amplifier
BXHF1085 API-BXHF1085 Datasheet
289Kb / 3P
High Frequency Microwave Amplifier
BXHF1086 API-BXHF1086 Datasheet
227Kb / 3P
High Frequency Microwave Amplifier
More results

Similar Description - BXHF1082

ManufacturerPart #DatasheetDescription
logo
API Delevan
BXHF1061 API-BXHF1061 Datasheet
226Kb / 3P
High Frequency Microwave Amplifier
BXHF1065 API-BXHF1065 Datasheet
219Kb / 3P
High Frequency Microwave Amplifier
BXHF1081 API-BXHF1081 Datasheet
379Kb / 3P
High Frequency Microwave Amplifier
BXHF1083 API-BXHF1083 Datasheet
446Kb / 3P
High Frequency Microwave Amplifier
BXHF1088 API-BXHF1088 Datasheet
224Kb / 3P
High Frequency Microwave Amplifier
BXHF1091 API-BXHF1091 Datasheet
216Kb / 3P
High Frequency Microwave Amplifier
BXHF1092 API-BXHF1092 Datasheet
224Kb / 3P
High Frequency Microwave Amplifier
BXHF1104 API-BXHF1104 Datasheet
228Kb / 3P
High Frequency Microwave Amplifier
BXHF1199 API-BXHF1199 Datasheet
668Kb / 3P
High Frequency Microwave Amplifier
BXHF1201 API-BXHF1201 Datasheet
462Kb / 3P
High Frequency Microwave Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com