Electronic Components Datasheet Search
  English  ▼

X  

BXHF1085 Datasheet(PDF) 3 Page - API Delevan

Part # BXHF1085
Description  High Frequency Microwave Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXHF1085 Datasheet(HTML) 3 Page - API Delevan

  BXHF1085 Datasheet HTML 1Page - API Delevan BXHF1085 Datasheet HTML 2Page - API Delevan BXHF1085 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 9/10/2014
3
Input VSWR
Output VSWR
Typical Performance Graphs
Instructions
Outline Drawing
Grounding Instructions
Care should be taken to effectively ground each unit.
Revisions
API reserves the right to make revisions to both product and/or the information contained within their
datasheets without advanced notice.
Min./Max. Values
Specifications are guaranteed when tested in a 50 Ω (ohm) system.
Typical performance graphs and values are measured at 25
°C, but not guaranteed.
Frequency (GHz)
Frequency (GHz)
Model # BXHF1085
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
5678 9 10 11 12 13 14 15 16 17 18 19 20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
5 6789 10 11 12 13 14 15 16 17 18 19 20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com