Electronic Components Datasheet Search
  English  ▼

X  

RS1AB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RS1AB
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS1AB Datasheet(HTML) 2 Page - Diodes Incorporated

  RS1AB Datasheet HTML 1Page - Diodes Incorporated RS1AB Datasheet HTML 2Page - Diodes Incorporated RS1AB Datasheet HTML 3Page - Diodes Incorporated RS1AB Datasheet HTML 4Page - Diodes Incorporated RS1AB Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RS1A/B - RS1M/B
Document number: DS15002 Rev. 14 - 2
2 of 5
www.diodes.com
January 2015
© Diodes Incorporated
RS1A/B - RS1M/B
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
RS1
A/AB
RS1
B/BB
RS1
D/DB
RS1
G/GB
RS1
J/JB
RS1
K/KB
RS1
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1,000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = +120°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 6)
RθJT
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
RS1
A/AB
RS1
B/BB
RS1
D/DB
RS1
G/GB
RS1
J/JB
RS1
K/KB
RS1
M/MB
Unit
Minimum Reverse Breakdown Voltage (Note 5)
@ IR =0.5 µA
V(BR)R
50
100
200
400
600
800
1,000
V
Maximum Forward Voltage Drop
@ IF = 1.0A
VFM
1.3
V
Peak Reverse Current
@ TA = +25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = +125°C
IRM
5.0
200
µA
Maximum Reverse Recovery Time (Note 7)
trr
150
250
500
ns
Typical Total Capacitance (Note 8)
CT
15
pF
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Valid provided that terminals are kept at ambient temperature.
7. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
8. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com