Electronic Components Datasheet Search
  English  ▼

X  

QBS-560 Datasheet(PDF) 1 Page - API Delevan

Part # QBS-560
Description  Broadband 32 Watt GaN Power Amplifier 700 to 2500 MHz high power, class AB design utilizing GaN technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QBS-560 Datasheet(HTML) 1 Page - API Delevan

  QBS-560 Datasheet HTML 1Page - API Delevan QBS-560 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
700 to 2500 MHz high power, class AB design utilizing GaN technology
Part Number: QBS-560
5/14/2014
1
Broadband 32 Watt GaN Power Amplifier
API Technologies’ Model QBS-560 is a high power, class AB solid state amplifier which utilizes the latest GaN technology to offer
broadband performance from 700 to 2500 MHz. The RFPA has an integrated, high efficiency DC to DC converter to promote
operation over a wide DC input voltage range of +25 to +32 VDC; drawing 3.1 amps with a saturated gain of 37 dB, and a typical
output power of 32 watts.
The microprocessor based design incorporates an adaptive biasing algorithm to optimize efficiency and output power across the
frequency band under varying load conditions. This rugged, high reliability GaN based amplifier is capable of performing in
adverse commercial and military environments with EMI and moisture sealing, and will not be damaged operating into a 10:1
load mismatch at full rated power. Optional RF blanking controlled through an LVDS signal, and forward/reverse power
detection are available upon request.
o
32 Watts Typical Saturated Output Power
o
Rugged GaN Technology
o
Adaptive Biasing to Promote Efficiency
o
Optional Forward/Reverse Power Detection
o
Blanking Feature Available
Technical Specifications @ 25°C (1)
Maximum Ratings
Protection
Parameter
Typical
Min / Max
Frequency Range
700 - 2500 MHz
800 - 2500 MHz
Linear Gain
44 dB
─
PSAT Gain
37 dB
─
Output Power @ PSAT
32 watts
25 watts Min.
Power Flatness @ PSAT
± 0.7 dB
± 1.0 dB Max.
Power Over Temp. @ PSAT
± 1.0 dB
─
Input VSWR
1.3 :1
1.5 :1 Max.
Noise Figure
6 dB
7 dB Max.
2nd Harmonic @ PSAT
-18 dBc
─
3rd Harmonic @ PSAT
-30 dBc
─
Spurious Signals (non-harmonic)
-60 dBc
─
DC Supply Voltage
+28 Volts
+25 to +32 Volts
Current Draw (Quiescent)
500 mA
─
Current Draw @ PSAT
3.1 Amps
3.1 Amps
Switching Time ON/OFF (2)
5 µs
10 µs
Package Dimensions
7.98(L) x 4.59(W) x 1.55(H) inches
Material
6061-T6 Aluminum Alloy
Finish
Clear Iridite (MIL-DTL-5541F, Class 3)
Weight (no heatsink)
2.5 lbs (1134 grams)
RF Connectors
SMA Female (4-Hole Flange)
DC Interface Connector
15 Pin D-Sub Plug
Storage Temperature
-45°C to +100°C
Operating Temperature (Case)
-20°C to +80°C
DC Input Voltage
+32 VDC
RF Input Power
+23 dBm
VSWR Tolerance
10 :1
Case Shut Off Temperature
+85°C
Notes:
1. Specifications are based on measured
performance in a 50Ω system.
2. Switching time pertains to an optional
blanking function controlled by an LVDS
signal.
o
Microprocessor Based Control
Fault Monitoring
Temperature Compensation
Sequencing
Interface Options
Features
*Similar Model


Similar Part No. - QBS-560

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
Broadband 25 Watt GaN Power Amplifier
More results

Similar Description - QBS-560

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 2.4
logo
API Delevan
QBS-598 API-QBS-598 Datasheet
435Kb / 2P
Broadband 100 Watt GaN Power Amplifier 30 to 512 MHz High Power, Class AB Design for Military Communications
logo
TriQuint Semiconductor
TGA2540-FL TRIQUINT-TGA2540-FL_15 Datasheet
260Kb / 16P
30 to 3000 MHz GaN Power Amplifier
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
logo
MTRONPTI
PA2033 MTRONPTI-PA2033 Datasheet
285Kb / 2P
High Power Class AB linear GaN design
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
Broadband 25 Watt GaN Power Amplifier
QBS-598 APITECH-QBS-598 Datasheet
435Kb / 2P
Broadband 100 Watt GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com