Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 2 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. B
–2–
AD7722–SPECIFICATIONS1 (AV
DD = AVDD1 = 5 V
5%; DVDD = 5 V
5%; AGND = AGND1 = DGND = 0 V;
UNI = Logic Low or High; f
CLKIN = 12.5 MHz; fS = 195.3 kSPS; REF2 = 2.5 V; TA = TMIN to TMAX, unless otherwise noted.)
A Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC SPECIFICATIONS
2
Bipolar Mode,
UNI = V
INH
VCM = 2.5 V, VIN(+) = VIN(–) =1.25 V p-p,
or VIN(–) = 1.25 V, VIN(+) = 0 V to 2.5 V
Signal-to-(Noise + Distortion)
3
Input Bandwidth 0 kHz–90.625 kHz
86/84.5
90
dB
Input Bandwidth 0 kHz–100 kHz, fCLKIN = 14 MHz
84.5/83
dB
Total Harmonic Distortion
3
Input Bandwidth 0 kHz–90.625 kHz
–90/–88
dB
Input Bandwidth 0 kHz–100 kHz, fCLKIN = 14 MHz
–88/–86
dB
Spurious-Free Dynamic Range
Input Bandwidth 0 kHz–90.625 kHz
–90
dB
Input Bandwidth 0 kHz–100 kHz, fCLKIN = 14 MHz
–88
dB
Unipolar Mode,
UNI = V
INL
VIN(–) = 0 V, VIN(+) = 0 V to 2.5 V
Signal-to-(Noise + Distortion)
3
Input Bandwidth 0 kHz–90.625 kHz
84.5/83
88
dB
Total Harmonic Distortion
3
Input Bandwidth 0 kHz–97.65 kHz
–89/–87
dB
Spurious-Free Dynamic Range
Input Bandwidth 0 kHz–97.65 kHz
–90
dB
Intermodulation Distortion
–93
dB
AC CMRR
VIN(+) = VIN(–) = 2.5 V p-p
VCM = 1.25 V to 3.75 V, 20 kHz
96
dB
Digital Filter Response
Pass-Band Ripple
0 kHz to 90.625 kHz
±0.005
dB
Cutoff Frequency
96.92
kHz
Stop-Band Attenuation
104.6875 kHz to 12.395 MHz
90
dB
ANALOG INPUTS
Full-Scale Input Span
VIN(+) – VIN(–)
Bipolar Mode
UNI = V
INH
–VREF2/2
+VREF2/2
V
Unipolar Mode
UNI = V
INL
0VREF2
V
Absolute Input Voltage
VIN(+) and VIN(–)0
AVDD
V
Input Sampling Capacitance
2pF
Input Sampling Rate
Guaranteed by Design
2
× f
CLKIN
Hz
Differential Input Impedance
1/(4
× 10-9)f
CLKIN
k
Ω
CLOCK
CLKIN Mark Space Ratio
45
55
%
REFERENCE
REF1 Output Voltage
2.32
2.47
2.62
V
REF1 Output Voltage Drift
60
ppm/
°C
REF1 Output Impedance
3k
Ω
Reference Buffer
Offset Voltage
Offset between REF1 and REF2
±12
mV
Using Internal Reference
REF2 Output Voltage
2.32
2.47
2.62
V
REF2 Output Voltage Drift
60
ppm/
°C
Using External Reference
REF2 Input Impedance
REF1 = AGND
1/(16
× 10−9)f
CLKIN
k
Ω
External Reference Voltage Range
Applied to REF1 or REF2
2.32
2.5
2.62
V
STATIC PERFORMANCE
Resolution
16
Bits
Differential Nonlinearity
Guaranteed Monotonic
±0.5
±1LSB
Integral Nonlinearity
±2LSB
After Calibration
Offset Error
4
±3mV
Gain Error
4, 5
±0.6
% FSR
Without Calibration
Offset Error
±6mV
Gain Error
5
±0.6
% FSR
Offset Error Drift
±1
LSB/
°C
Gain Error Drift
REF2 Is an Ideal Reference, REF1 = AGND
Unipolar Mode
±1
LSB/
°C
Bipolar Mode
±0.5
LSB/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com