Electronic Components Datasheet Search
  English  ▼

X  

PB16HC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PB16HC
Description  G4 16-Channel Rack With Header Connector Common TB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PB16HC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PB16HC Datasheet HTML 1Page - List of Unclassifed Manufacturers PB16HC Datasheet HTML 2Page - List of Unclassifed Manufacturers PB16HC Datasheet HTML 3Page - List of Unclassifed Manufacturers PB16HC Datasheet HTML 4Page - List of Unclassifed Manufacturers PB16HC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RACKS
CLASSIC G4
16-CHANNEL
Form 390-010206
DATA SHEET
page 2/4
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • Phone: (951) 695-3000 • (800) 321-OPTO • Fax: (951) 695-3095 • www.opto22.com
Inside Sales: (800) 321-OPTO • Product Support: (800) TEK-OPTO • (951) 695-3080 • Fax: (951) 695-3017 • E-mail: sales@opto22.com
Specifications
Dimensions
Operating temperature:
0 to 70° C
95 percent relative humidity, non-condensing
Interface connector:
Field:
Control:
Power:
Screw-type barrier strip accommodates up to 10 AWG wire
50-conductor header connector
Two-position screw terminal or Opto 22 PBSA/B/C Power Supply



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com