Electronic Components Datasheet Search
  English  ▼

X  

PC4D10SNIP0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC4D10SNIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 10Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
Fig.11-a Propagation Delay Time vs.
Ambient Temperature
Fig.11-b Propagation Delay Time vs.
Ambient Temperature
Ambient temperature Ta (C)
0
−60
−40
−20
0
20
40
60
80
100
20
40
60
100
80
tPHL
tPLH
VCC=5V
IF=7.5mA
CL=15pF
RL=350Ω
Ambient temperature Ta (C)
0
−60
−40
−20
0
20
40
60
80
100
20
40
60
100
80
tPLH
tPHL
VCC=5V
IF=7.5mA
CL=15pF
RL=1kΩ
Fig.12 Pulse width Distortion vs.
Ambient Temperature
Ambient temperature Ta (C)
−20
−60
−40
−20
0
20
40
60
80
100
0
20
40
60
80
VCC=5V
IF=7.5mA
CL=15pF
RL=1kΩ
RL=4kΩ
RL=350Ω
Fig.11-c Propagation Delay Time vs.
Ambient Temperature
Ambient temperature Ta (C)
20
−60
−40
−20
0
20
40
60
80
100
40
60
140
120
100
80
tPLH
tPHL
VCC=5V
IF=7.5mA
CL=15pF
RL=4kΩ
Fig.13 Rise Time / Fall Time vs.
Ambient Temperature
Ambient temperature Ta (C)
0
−60
−40
−20
0
20
40
60
80
100
10
20
30
50
40
tr
tf
VCC=5V
IF=7.5mA
CL=15pF
RL=350Ω
Remarks : Please be aware that all data in the graph
are just for reference and anot for guarantee.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com