Electronic Components Datasheet Search
  English  ▼

X  

PC50F4 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PC50F4
Description  50A Avg 400 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PC50F4 Datasheet(HTML) 1 Page - National Instruments Corporation

  PC50F4 Datasheet HTML 1Page - National Instruments Corporation PC50F4 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─ 121 ─
■回路図 CIRCUIT
FRD
50A Avg 400 Volts
PC50F4
PD50F4
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
400
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
440
V
PC50F4/PD50F4
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=100℃
Half Sine Wave
50
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
78
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
3200
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
1.2∼1.6
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
10
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj=25℃,IFM=50A
1.20
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.8
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間
(トータル)
,
サーマルコンパウンド塗布
Case to Fin, Total, Greased
0.1
℃/W
質量…約105g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
800
A
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
■電気的特性 Electrical Characteristics
M5
M4
逆回復時間
*1
Reverse Recovery Time
trr
Tj=25℃,IFM=10A,−di/dt=50A/μs
80
ns
内部リードインダクタンス
Internal Inductance
Ls
アノード端子−カソード端子間
Anode Terminal to Cathode Terminal
30
nH
1
2
3
1
2
3
PC
PD
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)


Similar Part No. - PC50F4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
logo
Kyocera Kinseki Corpota...
PC50F4 KSS-PC50F4 Datasheet
459Kb / 2P
Fast Recovery Diode
More results

Similar Description - PC50F4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
PFT814N NIEC-PFT814N_1 Datasheet
213Kb / 3P
80A Avg 400 Volts
PGH508AM NIEC-PGH508AM_1 Datasheet
236Kb / 3P
50A Avg 800 Volts
PGH5016AM NIEC-PGH5016AM_1 Datasheet
232Kb / 3P
50A Avg 1600 Volts
PT50S8 NIEC-PT50S8_1 Datasheet
281Kb / 2P
50A Avg 800 Volts
PT50S16 NIEC-PT50S16_1 Datasheet
284Kb / 2P
50A Avg 1600 Volts
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
30A Avg 400 Volts
P2H80F4 NI-P2H80F4_15 Datasheet
208Kb / 2P
80A Avg 400 Volts
PC50F2 NI-PC50F2_15 Datasheet
221Kb / 2P
50A Avg 200 Volts
PC50F6 NI-PC50F6_15 Datasheet
186Kb / 2P
50A Avg 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com