Electronic Components Datasheet Search
  English  ▼

X  

UPA810TC Datasheet(PDF) 1 Page - NEC

Part # UPA810TC
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA810TC Datasheet(HTML) 1 Page - NEC

  UPA810TC Datasheet HTML 1Page - NEC UPA810TC Datasheet HTML 2Page - NEC UPA810TC Datasheet HTML 3Page - NEC UPA810TC Datasheet HTML 4Page - NEC UPA810TC Datasheet HTML 5Page - NEC UPA810TC Datasheet HTML 6Page - NEC UPA810TC Datasheet HTML 7Page - NEC UPA810TC Datasheet HTML 8Page - NEC UPA810TC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NPN SILICON RF TWIN TRANSISTOR
DESCRIPTION
The
µPA810TC has built-in low-voltage two transistors which are designed to amplify low noise in the VHF band
to the UHF band.
FEATURES
•
Low noise: NF = 1.2 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
•
High gain: |S21e|2 = 9.0 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
•
Flat-lead 6-pin thin-type ultra super minimold
•
Built-in 2 transistors (2
× 2SC5006)
ORDERING INFORMATION
Part Number
Package
Quantity
Supplying Form
µPA810TC
Flat-lead 6-pin
Loose products
Embossed tape 8 mm wide.
thin-type ultra
(50 pcs)
Pin 6 (Q1 Base), Pin 5 (Q1 Emitter), Pin 4 (Q2 Emitter) face to
super minimold
perforation side of the tape.
µPA810TC-T1
Taping products
(3 kp/reel)
Remark
To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
µPA810TC. Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
100
mA
Total Power Dissipation
PTNote
200 in 1 element
mW
230 in 2 elements
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
Note
Mounted on 1.08 cm2
× 1.0 mm glass epoxy substrate.
Caution Electro-static sensitive devices
µPA810TC
NPN SILICON EPITAXIAL TRANSISTOR
(WITH BUILT-IN 2
× 2SC5006)
FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Printed in Japan
Document No.
P14550EJ1V0DS00 (1st edition)
Date Published November 1999 N CP(K)
©
1999
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPA810TC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
NPN SILICON RF TWIN TRANSISTOR
1999
More results

Similar Description - UPA810TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com