Electronic Components Datasheet Search
  English  ▼

X  

CD22101F Datasheet(PDF) 1 Page - Harris Corporation

Part # CD22101F
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101F Datasheet(HTML) 1 Page - Harris Corporation

  CD22101F Datasheet HTML 1Page - Harris Corporation CD22101F Datasheet HTML 2Page - Harris Corporation CD22101F Datasheet HTML 3Page - Harris Corporation CD22101F Datasheet HTML 4Page - Harris Corporation CD22101F Datasheet HTML 5Page - Harris Corporation CD22101F Datasheet HTML 6Page - Harris Corporation CD22101F Datasheet HTML 7Page - Harris Corporation CD22101F Datasheet HTML 8Page - Harris Corporation CD22101F Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4-193
Semiconductor
Description
CD22101 and CD22102 crosspoint switches consist of
4 x4x2arraysof crosspoints (transmission gates) with a
4-line to 16-line decoder and 16 latch circuits. Any one of
the sixteen crosspoint pairs can be selected by applying
the
appropriate
four-line
address,
corresponding
crosspoints in each array are turned on and off
simultaneously. Any number of crosspoints can be turned
on simultaneously.
In the CD22101, the selected crosspoint pair can be
turned on or off by applying a logic ONE or ZERO,
respectively, to the data input, and applying a ONE to the
strobe input. When the device is “powered up”, the states
of the 16 switches are indeterminate. Therefore, all
switches must be turned off by putting the strobe high,
data-in
low,
and
then
addressing
all
switches
in
succession.
The selected pair of crosspoints in the CD22102 is turned
on by applying a logic ONE to the KA (set) input while a
logic ZERO is on the KB input, and turned off by applying
a logic ONE to the KB (reset) input while a logic ZERO is
on the KA input. In this respect, the control latches of the
CD22102 are similar to SET/RESET flip-flops. They differ,
however, in that the simultaneous application of ONEs to
the KA and KB inputs turns off (resets) all crosspoints. All
crosspoints in both devices must be turned off as VDD is
applied.
Features
• Low ON Resistance . . . . . . . . . . . . 75
Ω (Typ) at V
DD = 12V
• “Built - In” Latched Inputs
• Large Analog Signal Capability . . . . . . . . . . . . . . .
±V
DD/2
• Switch Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 10MHz
• Matched Switch Characteristics
∆R
ON = 8Ω (Typ) at VDD = 12V
• High Linearity - 0.25% Distortion (Typ) at f = 1kHz,
VIN =5VP-P, VDD - VSS = 10V, and RL = 1kΩ
• Standard CMOS Noise Immunity
Applications
• Telephone Systems
• PBX
• Studio Audio Switching
• Multisystem Bus Interconnect
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
CD22101E
-40 to 85
24 Ld PDIP
E24.6
CD22101F
-55 to 125
24 Ld CERDIP
F24.6
CD22102E
-40 to 85
24 Ld PDIP
E24.6
February 1999
Pinouts
CD22101
(PDIP, SBDIP)
TOP VIEW
CD22102
(PDIP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
D
16
17
18
19
20
21
22
23
24
15
14
13
A
VDD
VSS
DATA
STROBE
X1'
Y2'
B
C
X2'
Y1'
X4'
X3'
Y4'
Y3'
X2
Y1
Y2
X4
X3
Y4
Y3
X1
1
2
3
4
5
6
7
8
9
10
11
12
D
16
17
18
19
20
21
22
23
24
15
14
13
A
VDD
VSS
X1'
Y2'
B
C
X2'
Y1'
X4'
X3'
Y4'
Y3'
X2
Y1
Y2
X4
X3
Y4
Y3
X1
KA
KB
Functional Diagram
4 X 4
SWITCH
4 X 4
SWITCH
16
16
CONTROL
OUT (IN)
IN (OUT)
OUT (IN)
IN (OUT)
DECODER
LATCH
16
CD22101, CD22102
CMOS 4 x 4 x 2 Crosspoint Switch
with Control Memory
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
2871.3
[ /Title
(CD22
101,
CD221
02)
/Sub-
ject
(CMO
S4x4
x 2
Cross-
point
Switch
with
Con-
trol
Mem-
ory)
/
Author
()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Tele-
com,
SLICs,
SLACs
, Tele-
phone,
Tele-
phony,
WLL,
Wire-
less
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLACEMENT
Call Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - CD22101F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22101F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com