Electronic Components Datasheet Search
  English  ▼

X  

CD22301 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD22301
Description  Monolithic PCM Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22301 Datasheet(HTML) 1 Page - Intersil Corporation

  CD22301 Datasheet HTML 1Page - Intersil Corporation CD22301 Datasheet HTML 2Page - Intersil Corporation CD22301 Datasheet HTML 3Page - Intersil Corporation CD22301 Datasheet HTML 4Page - Intersil Corporation CD22301 Datasheet HTML 5Page - Intersil Corporation CD22301 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-231
Description
The CD22301 monolithic PCM repeater circuit is designed
for T1 carrier systems operating with a bipolar pulse train of
1.544Mbits/s. It can also be used in the T148 carrier system
operating with a ternary pulse train of 2.37Mbits/s. The cir-
cuit operates from a 5.1V
±5% externally regulated supply.
The CD22301 provides active circuitry to perform all func-
tions of signal equalization and amplification, automatic line
buildout (ALBO), threshold detection, clock extraction, pulse
timing and buffered output formation.
Features
• Automatic Line Buildout
• Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.1V
• Buffered Output
Applications
• Bipolar Carrier System . . . . . . . . . . . . .T1 1.544Mbits/s
• Ternary Carrier System . . . . . . . . . . . .T148 2.37Mbits/s
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
CD22301E
-40 to 85
18 Ld PDIP
E18.3
January 1997
Functional Diagram
ALBO OUTPUT CIRCUIT
17
1
2
3
4
VCC
FROM ALBO
PEAK DETECTOR
VEE
100
Ω
ALBO BIAS
AO1
50K
18K
15K
AO2
AO3
ALBO GND
100
Ω
100
Ω
100
Ω
100
Ω
100
Ω
1K
Pinout
CD22301 (PDIP)
TOP VIEW
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
ALBO GROUND
ALBO 1 OUTPUT
ALBO 2 OUTPUT
ALBO 3 OUTPUT
PREAMP INPUT +
PREAMP INPUT -
PREAMP OUTPUT +
PREAMP OUTPUT -
SUBSTRATE
ALBO BIAS
OSC BIAS
LC TANK INPUT
CLOCK LIMITER OUTPUT
TIMING PULSE INPUT
OUTPUT PULSE 1
OUTPUT PULSE 2
VEE
VCC
CD22301
Monolithic PCM Repeater
File Number
1368.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CD22301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
176Kb / 5P
Monolithic PCM Repeater
November 2002
CD22301E INTERSIL-CD22301E Datasheet
176Kb / 5P
Monolithic PCM Repeater
November 2002
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
Monolithic PCM Repeater
November 2002
More results

Similar Description - CD22301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3040 NSC-TP3040 Datasheet
183Kb / 10P
TP3040, TP3040A PCM Monolithic Filter
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Intersil Corporation
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
Monolithic PCM Repeater
November 2002
logo
Texas Instruments
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
PCM
Rev: L
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com