Electronic Components Datasheet Search
  English  ▼

X  

CD22301E Datasheet(PDF) 2 Page - Intersil Corporation

Part # CD22301E
Description  Monolithic PCM Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22301E Datasheet(HTML) 2 Page - Intersil Corporation

  CD22301E Datasheet HTML 1Page - Intersil Corporation CD22301E Datasheet HTML 2Page - Intersil Corporation CD22301E Datasheet HTML 3Page - Intersil Corporation CD22301E Datasheet HTML 4Page - Intersil Corporation CD22301E Datasheet HTML 5Page - Intersil Corporation CD22301E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-232
CD22301
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V
Input Current (Into Pin 9 or 10). . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Peak Current (Into Pin 9 or 10). . . . . . . . . . . . . . . . . . . . . . . . 100mA
Input Surge Voltage (Between Pins 5 and 6, t = 10ms) . . . . . . . 50V
Output Surge Voltage (Between Pins 10 and 11, t = 1ms) . . . . . 50V
Power Dissipation
For TA = -40
oC to 60oC . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
For TA = 60
oC to 85oC . . . . Derate Linearly 12mW/oC to 200mW
Device Dissipation per Output Transistor
For TA = Full Package Temperature Range (All Types) . . . . . 100mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . -65oC
≤ T
A ≤ 150
oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ T
A ≤ 85
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = 25
oC, V
CC = 5.1V ±5% (See Figure 4)
PARAMETER
MIN
TYP
MAX
UNITS
STATIC DC VOLTAGES
ALBO Pins (Pins 2, 3, 4 and 17)
-
0
0.1
V
Pre Amp Inputs and Outputs (Pins 5, 6, 7 and 8)
2.4
2.9
3.4
V
Output Pulse 1, 2 (Pins 10 and 11)
-
5.1
-
V
Oscillator/Clock (Pins 12, 13, 15 and 16)
3.1
3.6
4.1
V
STATIC DC CURRENTS
ICC
-22
30
mA
Output Pulse 1, 2 (Pins 10 and 11)
-
0
100
µA
Electrical Specifications
TA = 25
oC, V
CC = 5.1V ±5%
PARAMETER
SYMBOL
FIGURE
NOTE
MIN
TYP
MAX
UNITS
DYNAMIC SPECIFICATIONS
Preamplifier Input Impedance
ZIN
720
-
-
k
Ω
Preamplifier Output Impedance
ZOUT
7-
-
2
k
Ω
Preamplifier Gain at 2.37MHz
AO
747
50
-
dB
Preamplifier Output Offset Voltage
∆V
OUT
7
1
-50
0
50
mV
Clock Limiter Input Impedance
ZIN(CL)
5
2
10
-
-
k
Ω
ALBO Off Impedance
ZALBO(off)
5
3
20
-
-
k
Ω
ALBO On Impedance
ZALBO(on)
5
4
-
-
10
Ω
DATA Threshold Voltage
VTH(D)
6
5, 8
0.62
0.7
0.78
V
CLOCK Threshold Voltage
VTH(CL)
6
6, 8
0.92
1.1
1.28
V
ALBO Threshold
VTH(AL)
6
7, 8
1.4
1.5
1.6
V
VTH(D) as % of VTH(AL)
44
47
49
%
VTH(CL) as % of VTH(AL)
66
73
80
%
Buffer Gate Voltage (low)
VOL
4
9
0.65
0.8
0.95
V
Differential Buffer Gate Voltage
∆V
OL
4
9
-0.15
0
0.15
V
Output Pulse Rise Time
tR
4, 8
9, 10
-
-
40
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com