Electronic Components Datasheet Search
  English  ▼

X  

AP89341 Datasheet(PDF) 17 Page - Aplus Intergrated Circuits

Part # AP89341
Description  Integrated Circuits Inc
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89341 Datasheet(HTML) 17 Page - Aplus Intergrated Circuits

Back Button AP89341 Datasheet HTML 13Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 14Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 15Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 16Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 17Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 18Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 19Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 20Page - Aplus Intergrated Circuits AP89341 Datasheet HTML 21Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
16
Aug 23, 2010
AC CHARACTERISTICS ( TA = 0 to 70℃
℃
℃
℃, VDD = 3.3V, VSS = 0V, 8KHz sampling )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
tKD
Key trigger debounce time (long)
16
ms
1,2
tKD
Key trigger debounce time (long) –
retrigger option
24
ms
1,2
tKD
Key trigger debounce time (short)
65
µ
s
1,2
tKD
Key trigger debounce time (short) –
retrigger option
200
µ
s
1,2
tKDD
Key trigger delay after ramp down
256/Fs
s
4
tSTPD
STOP pulse output delay time
256
µ
s
tSTPW
STOP pulse width
64
ms
1
tBD
BUSY signal output delay time
100
ns
tBH
BUSY signal output hold time
100
ns
tAS
Address set-up time
100
ns
tAH
Address hold time
100
ns
tSBTW
SBT stroke pulse width (long)
16
ms
1,2
tSBTW
SBT stroke pulse width (short)
65
µ
s
1,2
tCS
Chip select set-up time
100
ns
tCH
Chip select hold time
100
ns
tDS
Data-in set-up time
100
ns
tDH
Data-in hold time
100
ns
tSCKW
Serial clock pulse width
1
µ
s
tSCKC
Serial clock cycle time
2
µ
s
tCOUTD
COUT output delay time
256
µ
s
tFD
FULL signal output delay time
100
ns
tLEDC
LED flash frequency
3
Hz
3
Notes :
1.
This parameter is inversely proportional to the sampling frequency.
2.
The long or short debounce time is selectable as whole chip option during Voice Files Compiling.
3.
This parameter is proportional to the sampling frequency.
4.
Fs is sampling frequency in Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com