Electronic Components Datasheet Search
  English  ▼

X  

CD40106BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD40106BMS
Description  CMOS Hex Schmitt Triggers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40106BMS Datasheet(HTML) 7 Page - Intersil Corporation

  CD40106BMS Datasheet HTML 1Page - Intersil Corporation CD40106BMS Datasheet HTML 2Page - Intersil Corporation CD40106BMS Datasheet HTML 3Page - Intersil Corporation CD40106BMS Datasheet HTML 4Page - Intersil Corporation CD40106BMS Datasheet HTML 5Page - Intersil Corporation CD40106BMS Datasheet HTML 6Page - Intersil Corporation CD40106BMS Datasheet HTML 7Page - Intersil Corporation CD40106BMS Datasheet HTML 8Page - Intersil Corporation CD40106BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7-1333
CD40106BMS
FIGURE 10. TYPICAL POWER DISSIPATION PER TRIGGER AS
A FUNCTION OF INPUT FREQUENCY
FIGURE 11. TYPICAL TRIGGER THRESHOLD VOLTAGE AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 12. TYPICAL PERCENT HYSTERESIS AS A FUNCTION
OF SUPPLY VOLTAGE
FIGURE 13. TYPICAL POWER DISSIPATION AS A FUNCTION
OF RISE AND FALL TIMES
Applications
FIGURE 14. WAVE SHAPER
FIGURE 15. MONOSTABLE MULTIVIBRATOR
Typical Performance Characteristics (Continued)
INPUT FREQUENCY (f) (kHz)
8
6
4
2
105
8
6
4
2
104
8
6
4
2
103
8
6
4
2
102
10
10-1
8
6
4
2
1
8
6
4
2
10
102
103
104
8
6
4
28
6
4
28
6
4
2
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
CL = 50pF
CL = 15pF
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) (V)
010
15
20
5
0
5
10
15
VP
VN
INPUT ON TERMINALS 1, 5, 8, 12 OR 2, 6, 9, 13;
OTHER INPUTS TIED TO VDD
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) (V)
010
15
20
5
0
15
20
25
10
5
8
6
4
2
104
8
6
4
2
103
8
6
4
2
102
8
6
4
2
10
8
6
4
2
1
10-1
RISE AND FALL TIME (tr, tf) (ns)
0.1
8
6
4
2
1
8
6
4
2
10
102
103
104
8
6
4
28
6
4
28
6
4
2
SUPPLY VOLTAGE (VDD) = 15pF
FREQUENCY (f) = 100kHz
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 15pF
15V, 10kHz
15V, 1kHz
10V, 1kHz
5V, 1kHz
VDD
VSS
FREQUENCY RANGE OF WAVE SHAPE
IS FROM DC TO 1MHz
VDD
VSS
1/6 CD40106BMS
VDD
VSS
1/3 CD4007UB
R
C
VSS
VDD
tM = RC
n
50k
Ω≤ R ≤ 1MΩ
100pF
≤ C ≤ 1µF
VDD
VDD-VP
FOR THE RANGE OF R AND C
GIVEN 5
µs < tM < 1s
VDD
VSS
tM
1/6 CD40106BMS
2
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com