Electronic Components Datasheet Search
  English  ▼

X  

CD40106 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40106
Description  CMOS Hex Schmitt Triggers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40106 Datasheet(HTML) 1 Page - Intersil Corporation

  CD40106 Datasheet HTML 1Page - Intersil Corporation CD40106 Datasheet HTML 2Page - Intersil Corporation CD40106 Datasheet HTML 3Page - Intersil Corporation CD40106 Datasheet HTML 4Page - Intersil Corporation CD40106 Datasheet HTML 5Page - Intersil Corporation CD40106 Datasheet HTML 6Page - Intersil Corporation CD40106 Datasheet HTML 7Page - Intersil Corporation CD40106 Datasheet HTML 8Page - Intersil Corporation CD40106 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-1327
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40106BMS
CMOS Hex Schmitt Triggers
Features
• High Voltage Type (20V Rating)
• Schmitt Trigger Action with No External Components
• Hysteresis Voltage (Typ.)
- 0.9V at VDD = 5V
-
2.3V at VDD = 10V
- 3.5V at VDD = 15V
• Noise Immunity Greater than 50%
• No Limit on Input Rise and Fall Times
• Low VDD to VSS Current During Slow Input Ramp
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Wave and Pulse Shapers
• High Noise Environment Systems
• Monostable Multivibrators
• Astable Multivibrators
Description
CD40106BMS consists of six Schmitt trigger circuits. Each
circuit functions as an inverter with Schmitt trigger action on
the input. The trigger switches at different points for positive
and negative going signals. The difference between the
positive going voltage (VP) and the negative going voltage
(VN) is defined as hysteresis voltage (VH) (see Figure 17).
The CD40106BMS is supplied in these 14 lead outline
packages:
Braze Seal DIP
H4Q
Frit Seal DIP
H1B
Ceramic Flatpack
H3W
December 1992
File Number
3354
Pinout
CD40106BMS
TOP VIEW
Functional Diagram
Logic Diagram
FIGURE 1. 1 OF 6 SCHMITT TRIGGERS
A
G = A
B
H = B
C
I = C
VSS
VDD
F
L = F
E
K = E
D
J = D
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
A
2
G = A
3
B
4
H = B
5
C
6
I = C
9
D
8
J = D
11
E
10
K = E
13
F
12
L = F
A *
1 (3, 5, 9, 11, 13)
G
*
2 (4, 6, 8, 10, 12)
* ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
VDD
VSS


Similar Part No. - CD40106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106 NSC-CD40106 Datasheet
134Kb / 6P
Hex Schmitt Trigger
logo
Texas Instruments
CD40106 TI-CD40106 Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
SYC Electronica
CD40106 SYC-CD40106 Datasheet
111Kb / 9P
CMOS Hex Schmitt Triggers
CD40106-SMD SYC-CD40106-SMD Datasheet
208Kb / 7P
Hex inverting Schmitt trigger
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
More results

Similar Description - CD40106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
HEX SCHMITT TRIGGERS
logo
Texas Instruments
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
CMOS HEX SCHMITT TRIGGERS
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
Hex Inverting Schmitt Triggers
logo
Texas Instruments
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com