Electronic Components Datasheet Search
  English  ▼

X  

CD4023 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4023
Description  CMOS NAND Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4023 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4023 Datasheet HTML 1Page - Intersil Corporation CD4023 Datasheet HTML 2Page - Intersil Corporation CD4023 Datasheet HTML 3Page - Intersil Corporation CD4023 Datasheet HTML 4Page - Intersil Corporation CD4023 Datasheet HTML 5Page - Intersil Corporation CD4023 Datasheet HTML 6Page - Intersil Corporation CD4023 Datasheet HTML 7Page - Intersil Corporation CD4023 Datasheet HTML 8Page - Intersil Corporation CD4023 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7-53
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4011BMS, CD4012BMS
CD4023BMS
CMOS NAND Gates
Pinouts
CD4011BMS
TOP VIEW
CD4012BMS
TOP VIEW
CD4023BMS
TOP VIEW
A
B
J = AB
K = CD
C
D
VSS
VDD
H
G
M = GH
L = EF
E
F
1
2
3
4
5
6
7
14
13
12
11
10
9
8
J = ABCD
A
B
C
D
NC
VSS
VDD
K = EFGH
H
G
F
E
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC = NO CONNECTION
A
B
D
E
F
K = DEF
VSS
VDD
G
H
I
L = GHI
J = ABC
C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Features
• High-Voltage Types (20V Rating)
• Propagation Delay Time = 60ns (typ.) at CL = 50pF,
VDD = 10V
• Buffered Inputs and Outputs
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Package-
Temperature Range; 100nA at 18V and +25oC
• 100% Tested for Maximum Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Noise Margin (Over Full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Device’s
Description
CD4011BMS, CD4012BMS, and CD4023BMS NAND gates
provide the system designer with direct implementation of
the NAND function and supplement the existing family of
CMOS gates. All inputs and outputs are buffered.
The CD4011BMS, CD4012BMS and the CD4023BMS is
supplied in these 14 lead outline packages:
CD4011BMS - Quad 2 Input
CD4012BMS - Dual 4 Input
CD4023BMS - Triple 3 Input
CD4011B
CD4012B
CD4023B
Braze Seal DIP
H4Q
H4H
H4Q
Frit Seal DIP
H1B
H1B
H1B
Ceramic Flatpack
H3W
H3W
H3W
File Number
3079
November 1994


Similar Part No. - CD4023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4023 NSC-CD4023 Datasheet
127Kb / 6P
Buffered Triple 3-Input NAND,NOR Gate
logo
Fairchild Semiconductor
CD4023 FAIRCHILD-CD4023 Datasheet
68Kb / 6P
Buffered Triple 3-Input NAND Gate
logo
List of Unclassifed Man...
CD4023 ETC2-CD4023 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
CD4023A TI-CD4023A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4023A TI1-CD4023A Datasheet
371Kb / 7P
CMOS NAND GATES
More results

Similar Description - CD4023

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
NAND GATES
Jun-1989
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
CMOS NAND GATES
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
CMOS NAND Gates
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com