Electronic Components Datasheet Search
  English  ▼

X  

CD40174BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40174BMS
Description  CMOS Hex ‘D’-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40174BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD40174BMS Datasheet HTML 1Page - Intersil Corporation CD40174BMS Datasheet HTML 2Page - Intersil Corporation CD40174BMS Datasheet HTML 3Page - Intersil Corporation CD40174BMS Datasheet HTML 4Page - Intersil Corporation CD40174BMS Datasheet HTML 5Page - Intersil Corporation CD40174BMS Datasheet HTML 6Page - Intersil Corporation CD40174BMS Datasheet HTML 7Page - Intersil Corporation CD40174BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1384
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Pinout
CD40174BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLEAR
Q1
D1
D2
Q2
D3
VSS
Q3
VDD
D6
D5
Q5
D4
Q4
CLOCK
Q6
F/F1
F/F2
D1
3
D2
4
Q2
5
Q1
2
F/F3
D3
6
Q3
7
F/F4
D4
11
Q4
10
F/F5
D5
13
Q5
12
F/F6
D5
14
Q6
15
CLOCK
9
CLEAR
1
VSS = 8
VDD = 16
Features
• High Voltage Type (20V Rating)
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range, 100nA at 18V and +25oC
• Noise Margin (Over full Package Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13A, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Shift Registers
• Buffer/Storage Registers
• Pattern Generators
Description
CD40174BMS consists of six identical ‘D’-Type flip-flops
having independent DATA inputs. The CLOCK and CLEAR
inputs are common to all six units. Data is transferred to the
Q outputs on the positive going transition of the clock pulse.
All six flip-flops are simultaneously reset by a low level on the
CLEAR input.
The CD40174BMS is supplied in these 16 lead outline pack-
ages:
Braze Seal DIP
H4T
Frit Seal DIP
H1E
Ceramic Flatpack
H6W
File Number
3359
December 1992
CD40174BMS
CMOS Hex ‘D’-Type Flip-Flop


Similar Part No. - CD40174BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results

Similar Description - CD40174BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
Hex D-type flip-flop
January 1995
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
CMOS HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
Hex Type D Flip-Flop
June, 2011 ??Rev. 7
logo
Texas Instruments
CD40174B TI1-CD40174B_15 Datasheet
918Kb / 16P
CMOS HEX D-type Flip-Flop
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
HEX D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com