Electronic Components Datasheet Search
  English  ▼

X  

CD40175BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40175BMS
Description  CMOS Quad ‘D’ Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40175BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD40175BMS Datasheet HTML 1Page - Intersil Corporation CD40175BMS Datasheet HTML 2Page - Intersil Corporation CD40175BMS Datasheet HTML 3Page - Intersil Corporation CD40175BMS Datasheet HTML 4Page - Intersil Corporation CD40175BMS Datasheet HTML 5Page - Intersil Corporation CD40175BMS Datasheet HTML 6Page - Intersil Corporation CD40175BMS Datasheet HTML 7Page - Intersil Corporation CD40175BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-1392
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40175BMS
CMOS Quad ‘D’ Type Flip-Flop
Features
• High Voltage Type (20V Rating)
• Output Compatible with Two HTL Loads, Two Low Power
TTL Loads, or One Low Power Schottky TTL Load
• Functional Equivalent to TTL74175
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Shift Registers
• Buffer/Storage Registers
• Pattern Generators
Description
CD40175BMS consists of four identical D-type flip-flops.
Each flip-flop has an independent DATA D input and comple-
mentary Q and Q outputs. The CLOCK and CLEAR inputs
are common to all flip-flops. Data are transferred to the Q
outputs on the positive going transition of the clock pulse. All
four flip-flops are simultaneously reset by a low level on the
CLEAR input.
These devices can function as shift register elements or as
T-type flip-flops for toggle and counter applications.
The CD40175BMS is supplied in these 16-lead outline
packages:
Braze Seal DIP
H4T
Ceramic Flatpack
H6W
December 1992
File Number
3360
Pinout
CD40175BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLEAR
Q1
Q1
D1
D2
Q2
VSS
Q2
VDD
Q4
D4
D3
Q3
Q3
CLOCK
Q4
VDD = PIN 16
VSS = PIN 8
F/F1
4
D1
2
3
Q1
Q1
F/F2
5
D2
7
6
Q2
Q2
F/F3
12
D3
10
11
Q3
Q3
F/F4
13
D4
15
14
Q4
Q4
9
CLOCK
1
CLEAR
VSS = 8
VDD = 16


Similar Part No. - CD40175BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
Hex,Quad D Flip-Flop
logo
Texas Instruments
CD40175BM TI-CD40175BM Datasheet
544Kb / 14P
CMOS QUAD D-TYPE FLIP-FLOP
logo
National Semiconductor ...
CD40175BM NSC-CD40175BM Datasheet
135Kb / 6P
Hex D Flip-Flop
logo
Texas Instruments
CD40175BM TI1-CD40175BM Datasheet
940Kb / 18P
CMOS Quad D-type Flip-Flop
CD40175BM TI2-CD40175BM Datasheet
925Kb / 22P
CMOS Quad D - Type Flip-Flop
Revised October 2003
More results

Similar Description - CD40175BMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
Quad Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Texas Instruments
CD40175B TI-CD40175B Datasheet
544Kb / 14P
CMOS QUAD D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
Quad D-Type Flip-Flop
logo
Texas Instruments
CD40175B TI1-CD40175B_15 Datasheet
940Kb / 18P
CMOS Quad D-type Flip-Flop
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
Quad D-type flip-flop
Rev. 10 - 29 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com