Electronic Components Datasheet Search
  English  ▼

X  

LC210A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC210A
Description  General Purpose DMM Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC210A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC210A Datasheet HTML 1Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 2Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 3Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 4Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 5Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 6Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4mm Straight to Right-Angle
Silicone Leads, 1.5m
1000V
CATIII
12A
Extended Tip Probe Bodies
1000V
CATIII
20A
4mm Straight to Right-Angle
Silicone Leads, 1.5m
1000V
CATIII
12A
Probe Bodies w/Ø2mm Tip
1000V
CATIII
36A
Pincer Style Clips
1000V
CATIII
6A
Fully Insulated Alligator Clips
1000V
CATIII
20A
Alligator Clips
300V
CATI
3A
Spade Lug Adapters
42V (1000V)
36A
Banana Plug Adapters
42V (1000V)
36A
For your nearest distributor, call 800-462-9832 or www.bkprecision.com
89
Features
model
TL-50
Features
model
TL-10
Features
model
Model TL-130A
General Purpose DMM Kit
If you need only one basic accessory kit for your
meter, this is the one. Attach probes or clips to
the sheath plug to complete your test. Soft, flexible
silicone leads make movement easy. Kit is voltage
and current rated for either electronic or electrical
applications.
■ All components compliant
to IEC61010-2-031
■ Silicone Lead Wire length 60" (1.5m)
■ Tri-fold Velcro Pouch
Model TL-50
Maxi-Pro DMM Kit
Complete accessory kit for all your DMM testing needs.
Includes soft, flexible silicone lead wire easy movement and
Tri-Fold Velcro Pouch for convenient storage.
■ All components compliant to IEC61010-2-031
■ Silicone lead wire length 60" (1.5m)
■ Tri-fold Velcro Pouch
Model TL-10
SMD Probe Kit
Extended, slim-line probe body for easy reach.
Use with small SMD components or general
purpose test points. Includes soft, flexible silicone
lead wires for easy movement and clear, PVC
Pouch for convenient storage.
■ All components compliant
to IEC61010-2-031
■ Silicone Lead Wire length 60" (1.5m)
■ Clear PVC Pouch
4mm Straight to Right-Angle
Silicone Leads, 1.5m
1000V
CATIII
12A
Probe Bodies w/Ø2mm Tip
1000V
CATIII
36A
Alligator Style Clips
1000V
CATIII
20A
Alligator Clips
300V
CATI
3A
Features
model
TL-130A
Model PR-28A
40 kV High Voltage DMM Probe
If the voltages you need to measure are above the
specifications of general purpose probes, B+K Precision
has a higher voltage probe for you.
Attenuation
x1000
Voltage (AC)
20kV
Voltage (DC)
40kV
Bandwidth
60Hz
Impedance
1000M
Ω
Accuracy (AC & DC) ±3%
Cable Length
48" (1.2m)
Model PR-650A
RF DMM Probe
All purpose RF demodulator probe, usable
with most DMMs. Allows a DMM to
measure sine wave AC signals:
1Veff=1VDC Features light weight design.
PR-650A
TL-50
PR-28A
(Accuracy specified at 18˚ to 28˚C)
Current Range
2A to 400A, DC or AC
Frequency Response (AC) 50 Hz - 400 Hz
Accuracy
±(2% reading + 2A)
Input Resistance
10k
Ω min.
Maximum Conductor Size 1.1" (30mm)
Power Requirement
9V battery, NEDA 1604
Battery Life
100 hr typical
Operating Temperature
0˚ to 40˚C, <70% RH
Storage Temperature
-20˚ to + 70˚C, <80% RH
Bandwidth
100kHz to 650MHz
Accuracy
±1dB (100kHz-300MHz)
±3dB (300MHz-650MHz)
Input Voltage
100V
HF Voltage
35Veff
Actuating Voltage 350mV
DMM Input
Impedance
10M
Ω
Input Capacitance 8pF
Cable Length
48" (1.2m)
Specifications
model
CP-3
Specifications
model
PR-650A
Model CP-3
DC/AC Current Clamp
■ Converts any DMM to a current clamp
■ Measures current without disconnecting
circuit under test
■ Measures to 400A DC or AC
■ Outputs 1 mV per Amp, operates on
2V range of any DMM
CP-3
TL-130A
TL-10
PR-28A


Similar Part No. - LC210A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC21003B ETC1-LC21003B Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
LC21005A ETC1-LC21005A Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
LC21006B ETC1-LC21006B Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
LC21010A ETC1-LC21010A Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
LC21011B ETC1-LC21011B Datasheet
145Kb / 1P
INTEGRATED CIRCUITS
More results

Similar Description - LC210A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
Electronic DMM Test Lead Kit
5672A POMONA-5672A Datasheet
87Kb / 2P
Basic Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
Electrical DMM Test Lead Kit
5674C POMONA-5674C Datasheet
164Kb / 2P
Deluxe Electronic DMM Test Lead kit
5899A POMONA-5899A Datasheet
140Kb / 2P
Multi-Use DMM Test lead Kit
5900A POMONA-5900A Datasheet
134Kb / 2P
Basic Industrrial DMM Test Lead Kit
5901B POMONA-5901B Datasheet
119Kb / 2P
Electronic Bench DMM Test Lead Kit
5903A POMONA-5903A Datasheet
149Kb / 2P
Industrial / Automotive DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
Deluxe Electrical DMM Test Lead kit
6530A POMONA-6530A Datasheet
64Kb / 1P
Deluxe Automotive DMM Test Lead Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com